Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 225Page - National Semiconductor (TI) PC87591L Datasheet HTML 226Page - National Semiconductor (TI) PC87591L Datasheet HTML 227Page - National Semiconductor (TI) PC87591L Datasheet HTML 228Page - National Semiconductor (TI) PC87591L Datasheet HTML 229Page - National Semiconductor (TI) PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
229
www.national.com
Information Block Data Register (IBD)
This register holds the data for read or write transaction from/to the Information Block. Byte or word reads and writes to this
register are allowed to access a byte or word pointed to by IBA register. Note the program and erase limitations imposed by
the flash protection scheme.
Location: 00 F88216
Type: R/W
Flash Core Write Protect Register 0 (FCWP0)
This register controls write protection of the Main Block per 8 Kbyte blocks. It is cleared (0016) on reset.
Location: 00 F89016
Type: R/W
Bit
15
14
13
12
11
10
9876543210
Name
Information Block Data
Bit
Description
15-0
Information Block Data.
Bit
15
14
13
12
11
10
9876543210
Name
FC0WP15-0
Reset
0000000000000000
Bit
Description
15-0 Core Write Protect. Each bit controls an 8 Kbyte block.
For bit i, the block’s start address is i x 00 200016.
0: Program and erase are inhibited for this block
1: Program and erase are allowed for this block
Bits within the Core Boot Block and Host Boot Block, as defined by the protection word, are ignored, and the
flash memory is always write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com