Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 231 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 231 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 227Page - National Semiconductor (TI) PC87591L Datasheet HTML 228Page - National Semiconductor (TI) PC87591L Datasheet HTML 229Page - National Semiconductor (TI) PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) PC87591L Datasheet HTML 235Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
231
www.national.com
Flash Memory Status Register (FLSR)
This register provides the on-chip flash status. It is cleared (0016) on reset.
Location: 00 F8C216
Type: Varies per bit
Flash Memory Pre-Scaler Register (FLPSLR)
The FLPSLR register selects the pre-scaler divider ratio. FLPSLR defaults to (0016) on reset.
Location: 00 F8C416
Type: R/W
Bit
76543210
Name
Reserved
DERR
FMLFULL
FMBUSY
PERR
EERR
Reset
00000000
Bit
Type
Description
0
R/W1C EERR (Erase Error). Indicates an error in erasing the flash by the core. It is cleared by writing 1 to it.
Writing 0 is ignored. This bit may be cleared only when the FMBUSY bit is cleared (0).
0:
No program error detected (default)
1:
An error occurred during erase
1
R/W1C PERR (Program Error). Indicates an error in writing to the flash by the core. It is cleared by writing 1
to it. Writing 0 is ignored. This bit may be cleared only when the FMBUSY bit is cleared (0).
0: No program error detected (default)
1: An error occurred during program
2RO
FMBUSY.
0: The embedded flash is ready to accept operations
1: The embedded flash is not accessible since the PC87591x clocks are not ready or the embedded flash
is busy programing or erasing
3RO
FMLFULL (Double-Buffer Full). Indicates that the core can not write to the flash since its buffer is full.
0: There is at least one word empty in the flash double buffer. If IENPROG is set (1), in the Flash Memory
Control register, an interrupt request to the ICU is active.
1: The double-buffer is full
4
R/W1C DERR (Data Loss Error). Indicates that a double-buffer overrun error has occurred during core access.
It is cleared by writing 1 to the DERR bit. Writing 0 is ignored. This bit may be cleared only when the
FMBUSY bit is cleared (0).
0: No data loss detected (default)
1: A write to a full buffer was detected
7-5
Reserved.
Bit
76543210
Name
Reserved
FTDIV
Reset
00000000
Bit
Description
3-0
FTDIV (Pre-Scaler Divider Value). This register should be configured based on the currently set core
frequency. See Table 33 on page 223 for details of required values.
7-4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com