Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 230 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 230 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 226Page - National Semiconductor (TI) PC87591L Datasheet HTML 227Page - National Semiconductor (TI) PC87591L Datasheet HTML 228Page - National Semiconductor (TI) PC87591L Datasheet HTML 229Page - National Semiconductor (TI) PC87591L Datasheet HTML 230Page - National Semiconductor (TI) PC87591L Datasheet HTML 231Page - National Semiconductor (TI) PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
230
Revision 1.07
Flash Memory Control Register (FLCR)
This register controls the on-chip flash operation modes. It is cleared (0016) on reset. The core can write this register only
when HLOCK bit in SMCCST register is 0 (see Section 5.3.9 on page 307). Otherwise, writes are ignored.
Location: 00 F8C016
Type: R/W
Bit
76543210
Name
SMER
PMER
PE
IENPROG
Reserved
LOWPWR
Reset
00000000
Bit
15
14
13
12
11
10
9
8
Name
Reserved
DISVRF
Reset
00000000
Bit
Description
0
LOWPWR (Low Power Mode).
0:
On-chip flash is in Normal mode
1:
On-chip flash is in Low Power mode
This bit may be set (1) only when the core domain’s clock is up to fFLPMAX.
It may be altered only when FRE bit in SZCFG1 register is set (1).
3-1
Reserved.
4
IENPROG (Interrupt Enable for Program).
0:
Interrupt request disabled.
1:
An interrupt request to the ICU is enabled (see FMLFULL in the Flash Memory Status register).
5
PE (Program Enable). This bit is impact core program operations only.
0:
Flash Programing is disabled (default)
1:
Flash Programing is enabled (if PMER and SMER are cleared)
6
PMER (Page Erase). When set (1) a valid write to the on-chip flash erases the entire page pointed to by the
write address. This bit affects core erase operations only.
This bit may be modified, only when the FMBUSY bit is cleared (0); otherwise, results are undefined.
0:
Flash Page Erase is disabled (default)
1:
Flash Page Erase is enabled (if PE and SMER are cleared).
7
SMER (Section Erase). When set (1), a valid write to the on-chip flash erases the entire section pointed to by
the write address.
Write to a Main Block address results in a Main Block section erase.
Write to an Information Block address results in an Information Block section and its corresponding Main Block
section erase. This bit affects core erase operations only.
This bit may be modified only when the FMBUSY bit is cleared (0); otherwise, results are undefined.
0:
Flash Section Erase is disabled (default)
1:
Flash Section Erase is enabled (if PMER and PE are cleared).
8
DISVRF (Disable Verify). This bit affects core program and erase operations only.
0:
Verify flash contents after program or erase is enabled (default).
1:
Disable the automatic verification of flash contents after program or erase.
This speeds up the program or erase speed.
15-9 Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com