Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 232Page - National Semiconductor (TI) PC87591L Datasheet HTML 233Page - National Semiconductor (TI) PC87591L Datasheet HTML 234Page - National Semiconductor (TI) PC87591L Datasheet HTML 235Page - National Semiconductor (TI) PC87591L Datasheet HTML 236Page - National Semiconductor (TI) PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) PC87591L Datasheet HTML 239Page - National Semiconductor (TI) PC87591L Datasheet HTML 240Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
236
Revision 1.07
A battery supply pin (VBAT) provides power to the RTC and low-frequency clock oscillator (LFCO), allowing these parts to
continue functioning even in Power Off mode. Some registers are reserved and events recorded. These registers and events
are maintained by VPP, as noted.
Details of the activity of each battery-operable module are provided in the module’s specification.
4.17.3 Switching Between Power Modes
The switching from one power mode to another is done using the protocols described below.
Figure 77 shows the three power modes of the core domain and the transitions between them.
Wake-Up Event
Some of the power-up switchings are based on receiving a wake-up event. This event has three possible sources:
●
A maskable event (from MIWU)
●
A Non-Maskable Interrupt (NMI)
●
An ISE interrupt (from the Debugger interface)
The wake-up is identified by a high level on the maskable event and/or a low-to-high transition on NMI or ISE interrupts.
Once a wake-up event is detected, it is latched until an interrupt acknowledge bus cycle is detected or a reset is applied.
Decreasing Power Consumption
Entering Idle Mode
Enter Idle mode by setting (1) IDLE bit in PMCSR register and then executing the WAIT instruction. WBPSM must be set
before executing WAIT.The HFCG may be disabled to further reduce the power consumption. This is done by writing 1 to
DHF in PMCSR register before executing WAIT.
Entering Power Off Mode
Switch to Power Off mode by turning off the supply to the VCC pins of the PC87591x Note that VDD must be turned off as well.
The PFAIL input may be used to interrupt the PC87591x so that context saving to a non-volatile memory can be completed
and write operations to the RTC can be stopped before the power to the PC87591x is disconnected.
Increasing Activity
Fast Wake-Up from Idle Mode to Active
A hardware wake-up event causes the core domain to switch directly from Idle mode to Active mode. The following sequence
is performed:
1. HDF in PMCSR register is cleared, thus enabling the high-frequency clock (if it was disabled).
2. After waiting for the high-frequency clock to become active (OHFC in PMCSR register is set), the core domain switches
to Active mode.
When in Active mode, Idle bit in PMCSR register is cleared.
Active
Idle
Power Off
Turn off supply
IDLE =1
and WAIT
Turn on power
apply reset
HW event
supply and
Reset
Figure 77. Power Modes and Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com