Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 240 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 240 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 236Page - National Semiconductor (TI) PC87591L Datasheet HTML 237Page - National Semiconductor (TI) PC87591L Datasheet HTML 238Page - National Semiconductor (TI) PC87591L Datasheet HTML 239Page - National Semiconductor (TI) PC87591L Datasheet HTML 240Page - National Semiconductor (TI) PC87591L Datasheet HTML 241Page - National Semiconductor (TI) PC87591L Datasheet HTML 242Page - National Semiconductor (TI) PC87591L Datasheet HTML 243Page - National Semiconductor (TI) PC87591L Datasheet HTML 244Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
240
Revision 1.07
Software Method 2. Enable the hardwired frequency setting (M and N are set to generate a 96 MHz OSCCLK). Either a
normal or fast clock setting may be used. The programmable pre-scaler of the core domain clock is set according to the
HFCGP register; see “SuperI/O Enabled State” on page 242.
During a frequency change, the OSCCLK output is low to prevent the system from using an unstable clock.
The HFCG is designed to be tightly coupled with the PMC. The HFCG receives two enable signals: one from the PMC and
the other from the host domain. The PMC can enable or disable core domain clock generation while in Idle mode; it enables
the core domain clock in Active mode. The SuperI/O configuration enables or disables clock generation for the host domain
according to the host processor requests.
4.18.3 HFCG States
There are three groups of HFCG states:
●
PMC Enabled SuperI/O Disabled: OSCCLK is programmable (set by hardware or by software method 1). The core
domain clock is enabled; the host domain clock is disabled.
●
SuperI/O Enabled PMC Enabled/Disabled: OSCCLK is fixed at 96 MHz (set by hardware or by software method 2).
The host domain clock is enabled; the core domain clock is either enabled or disabled depending on PMC.
●
Disabled: OSCCLK is disabled. Both core domain clock and host domain clock are disabled.
Transitions between the states are controlled by either hardware or firmware. Figure 79 illustrates the states and the hard-
ware or software transitions between them. Some of the software settings and transitions are protected to improve the sys-
tem’s durability with regard to software errors; see details in the following sections.
PMC Enabled SuperI/O Disabled State
Normal Clock Setting. This operation enables changing the clock frequency while in PMC Enabled SuperI/O Disabled
state or switching from SuperI/O Enabled PMC Enabled state to PMC Enabled SuperI/O Disabled state.
To change the OSCCLK frequency, load the N and M variables with new values. M is loaded in two parts by writing to
HFCGML and HFCGMH registers.
Load the new setting (N and M values, simultaneously) into the frequency multiplier. The core writes the new variables into
a data input buffer. Then a command loads the new values into the frequency multiplier. The command also loads simulta-
neously the programmable pre-scaler with 0 (set to a divide by 1). Note that HFCGP register does not change its contents.
To set a new clock frequency:
1. Write the N value to HFCGN register.
2. Write the low byte of the M value to HFCGML register.
3. Write the upper bits of the M value to HFCGMH register.
4. Set LOAD in the HFCGCTRL1 register to 1.
SuperI/O Enabled
SuperI/O Enabled
Disabled
PMC Enabled
SuperI/O Disabled
PMC Disabled
PMC Enabled
PMC Enabled
PMC Disabled
PMC
PMC
SuperI/O
SuperI/O
Disabled
Enabled
Enabled
Disabled
Load or Fast
Load96
Software Transitions
Hardware Transitions
Program Pre-Scaler
Reload M, N, I
or Fast96
May be done in response to
interrupt on SuperI/O Disabled
May be done in response to
interrupt on SuperI/O Enabled
Figure 79. HFCG States and Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com