Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 345 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 345 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 341Page - National Semiconductor (TI) PC87591L Datasheet HTML 342Page - National Semiconductor (TI) PC87591L Datasheet HTML 343Page - National Semiconductor (TI) PC87591L Datasheet HTML 344Page - National Semiconductor (TI) PC87591L Datasheet HTML 345Page - National Semiconductor (TI) PC87591L Datasheet HTML 346Page - National Semiconductor (TI) PC87591L Datasheet HTML 347Page - National Semiconductor (TI) PC87591L Datasheet HTML 348Page - National Semiconductor (TI) PC87591L Datasheet HTML 349Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
345
www.national.com
SuperI/O Configuration 5 Register (SIOCF5)
Location: Index 2516
Type: R/W
SuperI/O Configuration 6 Register (SIOCF6)
Write access to this register can be inhibited by setting bit 7 of this register. Activation of each logical device (bits 0-4) is also
affected by bit 0 of the logical device Activate register, index 3016, and bit 0 of SIOCF1 register.
Location: Index 2616
Type: R/W
5-4
R/W
Number of DMA Wait States.
Bits
5 4
Number
0 0:
Reserved
0 1:
2 (default)
1 0:
6
1 1:
12
7-6
Reserved.
Bit
76543210
Name
Reserved
SMI to IRQ2
Enable
Reserved
Reset
00000000
Bit
Type
Description
3-0
Reserved.
4
R/W
SMI to IRQ2 Enable. Enables using slot number 2 in the serial IRQ protocol as an SMI interrupt in
parallel to or instead of using the dedicated pin.
0: Disabled (default)
1: Enabled
7-5
Reserved.
Bit
76543210
Name
SIOCF6
Software
Lock
General-Purpose
Scratch
RTC
Disabled
Reserved
Reset
00000000
Bit
Description
3-0
Reserved.
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com