Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 344 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 344 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 340Page - National Semiconductor (TI) PC87591L Datasheet HTML 341Page - National Semiconductor (TI) PC87591L Datasheet HTML 342Page - National Semiconductor (TI) PC87591L Datasheet HTML 343Page - National Semiconductor (TI) PC87591L Datasheet HTML 344Page - National Semiconductor (TI) PC87591L Datasheet HTML 345Page - National Semiconductor (TI) PC87591L Datasheet HTML 346Page - National Semiconductor (TI) PC87591L Datasheet HTML 347Page - National Semiconductor (TI) PC87591L Datasheet HTML 348Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
344
Revision 1.07
SuperI/O ID Register (SID)
This register contains the identity number of the chip. The PC87591x is identified by the value EC16.
Location: Index 2016
Type: RO
SuperI/O Configuration 1 Register (SIOCF1)
Location: Index 2116
Type: Varies per bit
2A16 -2C16 Reserved exclusively for National use
2D16
SIOCFD
SuperI/O Configuration D
VPP
R/W
2E16
Reserved exclusively for National use
Bit
76543210
Name
Family ID
Reset
EC16
Bit
Description
7-0
Family ID. These bits identify a family of devices with similar functionality but with different options
implemented.
Bit
76543210
Name
Reserved
Number of DMA Wait
States
Number of I/O Wait
States
Software
Reset
SuperI/O
Devices
Enable
Reset
00010001
Bit
Type
Description
0
R/W
SuperI/O Devices Enable. Controls the function enable of all the PC87591x SuperI/O logical devices,
except shared memory and Mobile System Wake-Up Control (MSWC). This bit enables the
simultaneous disabling of these modules using a write to a single bit.
0: All SuperI/O logical devices in the PC87591x are disabled, except MSWC and shared memory
1: Each SuperI/O logical device is enabled according to its Activate register (Index 3016) (default)
1WO
Software Reset. Read always returns 0.
0: Ignored (default)
1: Triggers the Host Domain Software Reset event, which resets the logical devices (see Section 6.1.3
on page 341)
3-2
R/W
Number of I/O Wait States.
Bits
3 2
Number
0 0:
0 (default)
0 1:
2
1 0:
6
1 1:
12
Table 55. SuperI/O Configuration Registers (Continued)
Index
Mnemonic
Register Name
Power Well
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com