Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 340 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 340 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) PC87591L Datasheet HTML 338Page - National Semiconductor (TI) PC87591L Datasheet HTML 339Page - National Semiconductor (TI) PC87591L Datasheet HTML 340Page - National Semiconductor (TI) PC87591L Datasheet HTML 341Page - National Semiconductor (TI) PC87591L Datasheet HTML 342Page - National Semiconductor (TI) PC87591L Datasheet HTML 343Page - National Semiconductor (TI) PC87591L Datasheet HTML 344Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
340
Revision 1.07
6.1.2
Standard Configuration Registers
SuperI/O Control and Configuration Registers
The SuperI/O configuration registers at indexes 2016 and 2716 are mainly used for part identification, global power manage-
ment and the selection of pin multiplexing options. For details, see Section 6.1.8 on page 343.
Logical Device Control and Configuration Registers
A subset of these registers is implemented for each logical device. See the functional block descriptions in Chapter 5 on
page 277 and Chapter 6 on page 335.
Control
The only implemented control register for each logical device is the Activate register at index 3016. Bit 0 of Activate register
controls the activation of the associated functional block. Activation enables access to the functional block’s registers and
attaches the functional block’s system resources (e.g., address space and interrupts), which are unused as long as the block
is not activated. Other effects may apply on a function-specific basis (such as clock enable and active pinout signaling).
SuperI/O Control and
Configuration Registers
Logical Device Control and
one per Logical Device
Configuration Registers -
Index
Register Name
0716
Logical Device Number
2016
SuperI/O ID
2116
SuperI/O Configuration 1
2516
SuperI/O Configuration 5
2616
SuperI/O Configuration 6
2716
SuperI/O Revision ID
2816
SuperI/O Configuration 8
2916
SuperI/O Configuration 9
2D16
SuperI/O Configuration D
2B16 -2E16
Reserved exclusively for National use
3016
Logical Device Control (Activate)
6016
I/O Base Address Descriptor 0 Bits 15-8
6116
I/O Base Address Descriptor 0 Bits 7-0
6216
I/O Base Address Descriptor 1 Bits 15-8
6316
I/O Base Address Descriptor 1 Bits 7-0
7016
Interrupt Number and Wake-Up on IRQ Enable
7116
IRQ Type Select
7416
DMA Channel Select 0
7516
DMA Channel Select 1
F016 -F916
Device Specific Logical Device Configuration 1 to 10
(some are optional)
Figure 110. Configuration Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com