Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 339 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 339 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 335Page - National Semiconductor (TI) PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) PC87591L Datasheet HTML 338Page - National Semiconductor (TI) PC87591L Datasheet HTML 339Page - National Semiconductor (TI) PC87591L Datasheet HTML 340Page - National Semiconductor (TI) PC87591L Datasheet HTML 341Page - National Semiconductor (TI) PC87591L Datasheet HTML 342Page - National Semiconductor (TI) PC87591L Datasheet HTML 343Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
339
www.national.com
Table 52. Interrupt Configuration Registers
Table 53. DMA Configuration Registers
Table 54. Special Logical Device Configuration Registers
Index
Register Name
Description
7016
Interrupt Number
and Wake-Up on
IRQ Enable
Indicates selected interrupt number.
Bits 7-5: Reserved.
Bit 4: Enables wake-up on the IRQ of the logical device. When enabled, IRQ as-
sertion triggers a wake-up event.
0:
Disabled (default)
1:
Enabled
Bits 3-0: select the interrupt number. A value of 1 selects IRQ1, a value of 2 selects
IRQ2, etc. (up to IRQ15). A value of 0 disables this interrupt.
7116
Interrupt Request
Type Select
Indicates the type and level of the interrupt request number selected in the previous
register.
Bits 7-2: Reserved.
Bit 1: Polarity of interrupt request selected in previous register
0: Low polarity
1: High polarity
Bit 0: Type of interrupt request selected in previous register
0:
Edge
1:
Level
Index
Register Name
Description
7416
DMA Channel
Select 0
Indicates selected DMA channel for DMA 0 of the logical device (0: The first DMA
channel if more than one DMA channel is used).
Bits 7-3: Reserved.
Bits 2-0: Select the DMA channel for DMA 0. The valid choices are 0-3, where:
●
A value of 0 selects DMA channel 0, 1 selects channel 1, etc.
●
A value of 4 indicates that no DMA channel is active.
●
The values 5-7 are reserved.
7516
DMA Channel
Select 1
Indicates selected DMA channel for DMA 1 of the logical device (1: The second
DMA channel if more than one DMA channel is used).
Bits 7-3: Reserved.
Bits 2-0: Select the DMA channel for DMA 1. The valid choices are 0-3, where:
●
A value of 0 selects DMA channel 0, 1 selects channel 1, etc.
●
A value of 4 indicates that no DMA channel is active.
●
The values 5-7 are reserved.
Index
Register Name
Description
F016-FE16
Logical Device
Configuration
Special (vendor-defined) configuration options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com