Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 336 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 336 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 332Page - National Semiconductor (TI) PC87591L Datasheet HTML 333Page - National Semiconductor (TI) PC87591L Datasheet HTML 334Page - National Semiconductor (TI) PC87591L Datasheet HTML 335Page - National Semiconductor (TI) PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) PC87591L Datasheet HTML 338Page - National Semiconductor (TI) PC87591L Datasheet HTML 339Page - National Semiconductor (TI) PC87591L Datasheet HTML 340Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
336
Revision 1.07
Figure 108. Host-Controlled Domain Detailed Block Diagram
Banked Logical Device Registers Structure
Each functional block is associated with a Logical Device Number (LDN). The configuration registers are grouped into banks,
where each bank holds the standard configuration registers of the corresponding logical device. Table 48 shows the LDN
values of the PC87591x functional blocks. Any value not listed is reserved.
Figure 109 shows the structure of the standard configuration register file. The Host-Controlled Functions control and config-
uration registers are not banked and are accessed by the Index-Data register pair only, as described above. However, the
device control and device configuration registers are duplicated over seven banks for the seven logical devices. Therefore,
two-dimensional indexing is used to access a specific register in a specific bank: the LDN register selects the bank (or logical
device) and the Index register selects the register within the bank. Accessing the Data register while the Index register holds
a value of 3016 or higher physically accesses the logical device configuration registers currently pointed to by the Index reg-
ister, within the logical device currently selected by the LDN register.
LPC
Interface
LCLK
RESET1-2
LAD3-0
LFRAME
LDRQ
SERIRQ
RI1
RI2
SMI
BADDR0-1
& Control
Registers
Config
Shared
Strap
Config
CLKRUN
LPCPD
Bus
RTC
BIOS
&
Security
System
Wake-Up
Control
Mobile
SHBM
HCFGBAH, HCFGBAL
KBC
&
PM
Host I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com