Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 335 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 335 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 331Page - National Semiconductor (TI) PC87591L Datasheet HTML 332Page - National Semiconductor (TI) PC87591L Datasheet HTML 333Page - National Semiconductor (TI) PC87591L Datasheet HTML 334Page - National Semiconductor (TI) PC87591L Datasheet HTML 335Page - National Semiconductor (TI) PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) PC87591L Datasheet HTML 338Page - National Semiconductor (TI) PC87591L Datasheet HTML 339Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 437 page
background image
Revision 1.07
335
www.national.com
6.0
Host-Controlled Modules and Host Interface
6.1
DEVICE ARCHITECTURE AND CONFIGURATION
The PC87591x Host-Controlled Functions comprises a collection of generic and proprietary functional blocks. Each func-
tional block is described in a separate chapter in this document. However, some parameters in the implementation of the
functional blocks may vary per function and/or device. This chapter describes the PC87591x structure and provides all log-
ical device-specific information, including special implementation of generic blocks, system interface and device configura-
tion.
The PC87591x Host-Controlled Functions consist of seven logical devices (involving six modules), the host interface and a
central set of configuration registers, all built around a central internal bus. The internal bus is similar to an 8-bit ISA bus
protocol. Figure 108 illustrates the blocks and their interconnection.
The LPC Bus Interface serves as a bridge between the external LPC interface and the internal bus. It supports the following
operations, as defined in Intel’s LPC Interface Specification, Revision 1.0:
●
8-bit I/O read
●
8-bit I/O write
●
8-bit Memory read
●
8-bit Memory write
●
8-bit FWH read
●
8-bit FWH write
The Configuration and Control register set supports ACPI-compliant PnP configuration. The configuration registers are
structured as a subset of the Plug and Play Standard registers, defined in Appendix A of the Plug and Play ISA Specification,
Revision 1.0a by Intel and Microsoft, and are similar to those used in National SuperI/O devices. All system resources as-
signed to the functional blocks (I/O address space, and IRQ lines) are configured in and managed by this register set. In
addition, some function-specific parameters are configurable through the configuration registers and distributed to the func-
tional blocks through special control signals.
6.1.1
Configuration Structure and Access
The configuration structure comprises a set of banked registers that are accessed via a pair of specialized registers.
The Index-Data Register Pair
Access to the Host-Controlled Functions configuration registers is via an Index-Data register pair, using two system I/O byte
locations. The base address of this register pair is determined during VCC Power-Up reset, according to the state of the hard-
ware strapping option on the BADDR1-0 pins. Table 47 shows the selected base addresses as a function of BADDR1-0 (see
Section 2.2.11 on page 50).
Table 47. BADDR1-0 Strapping Options
The Index register is an 8-bit read/write register located at the selected base address (Base+0). It is used as a pointer to the
configuration register file and holds the index of the configuration register that is currently accessible via the Data register.
Reading the Index register returns the last value written to it (or a default of 0016 after Host Domain reset).
The Data register is an 8-bit register located at the selected base address (Base+1) used as a data path to any configuration
register. Accessing the Data register actually accesses the configuration register that the Index register is currently pointed
to.
BADDR1-0
I/O Address
Index Register
Data Register
00
2E16
2F16
01
4E16
4F16
101
1. See “Host Configuration Address Selection” on page 322 for more
details about this option.
(HCFGBAH,HCFGBAL)
(HCFGBAH,HCFGBAL)+1
1 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com