Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 337 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 337 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 333Page - National Semiconductor (TI) PC87591L Datasheet HTML 334Page - National Semiconductor (TI) PC87591L Datasheet HTML 335Page - National Semiconductor (TI) PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) PC87591L Datasheet HTML 338Page - National Semiconductor (TI) PC87591L Datasheet HTML 339Page - National Semiconductor (TI) PC87591L Datasheet HTML 340Page - National Semiconductor (TI) PC87591L Datasheet HTML 341Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
337
www.national.com
Figure 109. Structure of Standard Configuration Register File
Table 48. Logical Device Number (LDN) Assignments
Write accesses to unimplemented registers (i.e., accessing the Data register while the Index register points to a non-existing
register) are ignored; reads return 0016 for all addresses except 7416 and 7516 (DMA configuration registers), which return 0416
(indicating that no DMA channel is active). The configuration registers are accessible immediately after Host Domain reset.
Standard Logical Device Configuration Register Definitions
In the registers below, any undefined bit is reserved. Unless otherwise noted, the following definitions also hold true:
●
All registers are read/write.
●
All reserved bits return 0 on reads except where noted. To prevent unpredictable results, do not modify these bits.
Use read-modify-write to prevent the values of reserved bits from being changed during write.
●
Write-only registers should not use read-modify-write during updates.
LDN
Functional Block
0416
Mobile System Wake-Up Control (MSWC)
0516
Keyboard and Mouse Controller (KBC) - Mouse Interface
0616
Keyboard and Mouse Controller (KBC) - Keyboard Interface
0F16
Shared BIOS and Security
1016
Real Time Clock
1116
Power Management I/F Channel 1
1216
Power Management I/F Channel 2
0716
2016
3016
6016
7516
FE16
Logical Device Number Register
SuperI/O Configuration Registers
Logical Device Control Register
Standard Logical Device
Special (Vendor-Defined)
Configuration Registers
Banks
2F16
F016
Bank Select
6316
7416
7016
7116
Configuration Registers
(One per Logical Device)
Logical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com