Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 333 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 333 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 329Page - National Semiconductor (TI) PC87591L Datasheet HTML 330Page - National Semiconductor (TI) PC87591L Datasheet HTML 331Page - National Semiconductor (TI) PC87591L Datasheet HTML 332Page - National Semiconductor (TI) PC87591L Datasheet HTML 333Page - National Semiconductor (TI) PC87591L Datasheet HTML 334Page - National Semiconductor (TI) PC87591L Datasheet HTML 335Page - National Semiconductor (TI) PC87591L Datasheet HTML 336Page - National Semiconductor (TI) PC87591L Datasheet HTML 337Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
333
www.national.com
MSWC Host Event Interrupt Enable Register (MSHEIE0)
This register is cleared to 0016 on Warm reset. It enables a core interrupt through the MIWU (level high) for the respective
bit in the mobile MSHES0 register. The interrupt may be cleared by clearing the status bit or masking the interrupt.
Location: Offset 00 FCD016
Type: R/W
3
RING Event Status. RING event detection, according to the RING detection mode enabled.
0: Event not detected (default)
1: Event detected
5-4
Reserved.
6
Software Event Status. This bit indicates a host software event. It may operate in two modes depending on
HSECM bit in MSWCTL1 register.
When HSECM is cleared, this bit is set when bit 6 of WK_STS0 changes from 0 to 1.
When HSECM is set, this bit is set on a write of 1 to WK_STS0 bit 1.
This bit is cleared by writing 1 to it.
0: Event not active (default)
1: Event active
7
Module IRQ Event Status. This sticky bit shows the status of the module IRQ event detection.
0: Event not active (default)
1: Event active
Bit
76543210
Name
Module IRQ
Event
Enable
Software
Event
Enable
Reserved
RING
Event
Enable
Reserved
RI2
Event
Enable
RI1
Event
Enable
Reset
00000000
Bit
Description
0
RI1 Event Enable.
0: Disabled (default)
1: Enabled
1
RI2 Event Enable.
0: Disabled (default)
1: Enabled
2
Reserved.
3
RING Event Enable.
0: Disabled (default)
1: Enabled
5-4
Reserved.
6
Software Event Enable.
0: Disabled (default)
1: Enabled
7
Module IRQ Event Enable.
0: Disabled (default)
1: Enabled
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com