Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 329 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 329 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 325Page - National Semiconductor (TI) PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) PC87591L Datasheet HTML 328Page - National Semiconductor (TI) PC87591L Datasheet HTML 329Page - National Semiconductor (TI) PC87591L Datasheet HTML 330Page - National Semiconductor (TI) PC87591L Datasheet HTML 331Page - National Semiconductor (TI) PC87591L Datasheet HTML 332Page - National Semiconductor (TI) PC87591L Datasheet HTML 333Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
329
www.national.com
MSWC Control Status Register 1 (MSWCTL1)
This is a byte-wide read/write register that controls the settings associated with host wake-up and activity. The contents of
this register are preserved by VCC. Bit 0 is cleared by Warm reset; other bits are reset only on VCC Power-Up reset.
Location: 00 FCC016
Type: Varies per bit
Bit
76543210
Name
Reserved
HSECM
HCFGLK
VHCFGA
LPCRSTA
HPWRON
HRSTOB
Reset
000000
-
-
Bit
Type
Description
0
R/W
HRSTOB (Host Reset Out Bit). Enables the PC87591x to generate a Host Soft reset via firmware,
using the KBSTO pin. The pin is held low (reset is active) for as long this bit 1.
0: KBRST is not forced active (default)
1: Force KBRST active
1RO
HPWRON (Host Power On). The VDD power detection logic indicates that VDD is on.
0: VDD is off (below VDDON)
1: VDD is on (above VDDON)
2RO
LPCRSTA (LPC Reset Active). The RESET1 input is active (low).
0: RESET1 is not active (high)
1: RESET1 is active (low)
3
R/W1C VHCFGA (Valid Host Configuration Address). This bit is set by a write to HCFGBAH register, as
detailed in the update sequence in “Host Configuration Address Selection” on page 322. The firmware
can clear the bit by writing 1 to it. This register is used as the address of the Configuration registers
when the PC87591x is set to operate with the internal base address. Writing 0 to this bit is ignored.
This bit can be locked and made read-only by setting HCFGLK (bit 4).
0: Host Configuration Registers base address is not valid and access to this registers by the host is not
enabled (default)
1: Host Configuration Registers base address is specified in HCFGBAH and HCFGBAL registers
4
R/W1S HCFGLK (Host Configuration Address Lock). This bit is cleared during VCC power-up,
WATCHDOG reset or Debugger Interface reset, but is unchanged during other reset events.
When 1 is written to this bit, it becomes read only (i.e., it cannot be cleared by the firmware) and locks
VHCFGA bit, HCFGBAH register and HCFGBAL register, preventing accidental alteration to them.
0: Allows update of the Host Configuration Registers base address (default)
1: Locks the Host Configuration Registers base address
5
R/W1C HSECM (Host Software Event Clear Mode). Controls the clear mode of Host Software Event Status
bit in WK_STS0. This bit is cleared at VCC power-up and RESET1 events.
0: Host Software Event Status bit in WK_STS0 (bit 6) toggles on host writes of 1. MSHES0 bit 6 is set
when WK_STS0 bit 6 changes from 0 to 1 (default).
1: Host Software Event Status bit in WK_STS0 (bit 6) and MSHES0 bit 6 are both cleared by writes of
1 to MSHES0 register
7-6
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com