Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 325 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 325 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 321Page - National Semiconductor (TI) PC87591L Datasheet HTML 322Page - National Semiconductor (TI) PC87591L Datasheet HTML 323Page - National Semiconductor (TI) PC87591L Datasheet HTML 324Page - National Semiconductor (TI) PC87591L Datasheet HTML 325Page - National Semiconductor (TI) PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) PC87591L Datasheet HTML 328Page - National Semiconductor (TI) PC87591L Datasheet HTML 329Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
325
www.national.com
Wake-Up Configuration Register (WK_CFG)
This register is set to 0016 on VPP power-up or Host Domain Software reset. It enables access to Event Routing Control
registers (bank selected).
Location: Offset 0416
Type: R/W
Wake-Up Signals Value Register (WK_SIGV)
This is a read-only register that returns the value of SMI and PWUREQ signal output and input to this module. This register
helps to identify the source of the wake-up request when multiple sources are enabled.
Location: Offset 0616
Type: RO
5-4
Reserved.
6
Software Event Enable.
0: Disabled (default)
1: Enabled
7
Module IRQ Event Enable.
0: Disabled (default)
1: Enabled
Bit
76543210
Name
Reserved
Configuration Bank
Select
Reset
00000000
Required
0
0
Bit
Description
1-0
Configuration Bank Select.
Bits
1 0
Bank
Register
0 0:
0
Reserved
0 1:
1
Reserved
1 0:
2
Event Routing, Wake-Up Extension
1 1:
3
Reserved
7-2
Reserved.
Bit
76543210
Name
Reserved
PWUREQ of
Wake-Up
Value
PWUREQ
Output
Value
PM2 SMI
Output
Value
PM1 SMI
Output
Value
SMI Wake-
Up Output
Value
SMI Output
Value
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com