Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 323 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 323 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 319Page - National Semiconductor (TI) PC87591L Datasheet HTML 320Page - National Semiconductor (TI) PC87591L Datasheet HTML 321Page - National Semiconductor (TI) PC87591L Datasheet HTML 322Page - National Semiconductor (TI) PC87591L Datasheet HTML 323Page - National Semiconductor (TI) PC87591L Datasheet HTML 324Page - National Semiconductor (TI) PC87591L Datasheet HTML 325Page - National Semiconductor (TI) PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
323
www.national.com
5.5.5
MSWC Host Registers
The MSWC registers are organized in four banks, all of which are battery-backed. The offsets are related to a base address
that is determined by the MSWC Base Address register in the device configuration registers. The lower 19 offsets are com-
mon to the four banks; the upper offsets (1316-1F16) are divided as follows:
●
Bank 0 is reserved.
●
Bank 1 is reserved.
●
Bank 2 holds the Event Routing Configuration and Wake-Up Extension Control registers.
The active bank is selected through the Configuration Bank Select field (bits 1-0) in the Wake-Up Configuration register
(WK_CFG).
As a programing aid, the registers are described in this chapter according to the following functional groupings:
●
General status
●
Enable
●
Configuration
●
Routing
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
MSWC Host Register Map
The following tables list the MSWC host registers. For the MSWC core register map, see Section 5.5.6 on page 328.
Table 44. Banks 0, 1, 2 and 3 - The Common Control and Status Register Map
Table 45. Bank 2 - Event Routing Configuration Register Map
Wake-Up Event Status Register 0 (WK_STS0)
This register is set to 0016 on VPP power-up, VCC power-up or Host Domain Software reset. It indicates which wake-up
events, associated with the register, have occurred. Writing 1 to a bit clears it to 0. Writing 0 has no effect. Bit 6 behaves in
a special way, as described in the table below.
Location: Offset 0016
Type: R/W1C
Offset
Mnemonic
Register Name
Type
0016
WK_STS0
Wake-Up Event Status 0
R/W1C
0216
WK_EN0
Wake-Up Enable 0
R/W
0416
WK_CFG
Wake-Up Configuration
R/W
0616
WK_SIGV
Wake-Up Signal Value
RO
0716
WK_STATE
Wake-Up ACPI State
WO
Other
Reserved
Offset
Mnemonic
Register Name
Type
1316
WK_SMIEN0
Wake-Up SMI Enable 0
R/W
1516
WK_IRQEN0
Wake-Up Interrupt Request Enable 0
R/W
Other
Reserved
Bit
76543210
Name
Module IRQ
Event
Status
Software
Event
Status
Reserved
RING
Event
Status
Reserved
RI2
Event
Status
RI1
Event
Status
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com