Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 321 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 321 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 317Page - National Semiconductor (TI) PC87591L Datasheet HTML 318Page - National Semiconductor (TI) PC87591L Datasheet HTML 319Page - National Semiconductor (TI) PC87591L Datasheet HTML 320Page - National Semiconductor (TI) PC87591L Datasheet HTML 321Page - National Semiconductor (TI) PC87591L Datasheet HTML 322Page - National Semiconductor (TI) PC87591L Datasheet HTML 323Page - National Semiconductor (TI) PC87591L Datasheet HTML 324Page - National Semiconductor (TI) PC87591L Datasheet HTML 325Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
321
www.national.com
The SMI may be output from the PC87591x using the dedicated SMI signal or by routing SMI to an interrupt request channel
via the device’s configuration registers.
The Wake-Up Event Routing Control register, MSHEIEn, which is controlled by the core, holds an enable bit for each of the
events, which allows selective routing of these events to the core wake-up interrupt (MSWCI) to the MIWU. The core event
is controlled using a separate set of status signals to prevent race conditions when clearing events.
The MSWCI interrupt is a level high interrupt that gathers requests from MSHESn, MSWCTL2 and MSWCTL3 registers.
Once an output event is asserted, it keeps its active state until all set status bits are cleared or masked. This interrupt signal
is connected to the MSWC wake-up input of the MIWU. This enables handling state change requests even in Idle mode.
The MSWC output for this input is connected to the core through the MIWU module, enabling a power state change on in-
terrupt.
Event i
Detection
WK_SMIENn.i
WK_IRQENn.i
WK_ENn.i
Wake-Up Event i
From Wake-Up
PWUREQ
SMI
IRQ
Event
Routing
Logic
WK_STSn.i
Extension Logic
To Peripheral Bus
MSHEIEn.i
MSWCI
to MIWU
MSHESn.i
Figure 105. Wake-Up Event Routing Scheme
Wake-Up
From Host
I/F Module
SMI
Module SMI
PWUREQ
IRQj Wake-Up
PWUREQ Wake-Up Module
Wake-Up
IRQi Wake-Up
Figure 106. SMI and PWUREQ Source Gathering Scheme
from IRQs
Routing
PM1SMI
PM2SMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com