Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 326 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 326 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 322Page - National Semiconductor (TI) PC87591L Datasheet HTML 323Page - National Semiconductor (TI) PC87591L Datasheet HTML 324Page - National Semiconductor (TI) PC87591L Datasheet HTML 325Page - National Semiconductor (TI) PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) PC87591L Datasheet HTML 328Page - National Semiconductor (TI) PC87591L Datasheet HTML 329Page - National Semiconductor (TI) PC87591L Datasheet HTML 330Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
326
Revision 1.07
Wake-Up ACPI State Register (WK_STATE)
This is a read/write register. It always returns 0016 when read.
Location: Offset 0716
Type: R/W
Bit
Description
0
SMI Output Value.
0: SMI output is low (asserted)
1: SMI output is high (de-asserted)
1
SMI Wake-Up Output Value.
0: SMI output of the wake-up module is low (asserted)
1: SMI output of the wake-up module is high (de-asserted)
2
PM1 SMI Output Value.
0: SMI output of the Power Management channel 1 is low (asserted)
1: SMI output of the Power Management channel 1 is high (de-asserted)
3
PM2 SMI Output Value.
0: SMI output of the Power Management channel 2 is low (asserted)
1: SMI output of the Power Management channel 2 is high (de-asserted)
4
PWUREQ Wake-Up Output Value.
0: PWUREQ output is low (asserted)
1: PWUREQ output is high (de-asserted)
5
PWUREQ Wake-Up Value.
0: PWUREQ output of the wake-up module is low (asserted)
1: PWUREQ output of the wake-up module is high (de-asserted)
7-6
Reserved.
Bit
76543210
Name
Reserved
S5
S4
S3
S2
S1
Reserved
Bit
Description
0
Reserved.
1
S1 (Request to Change to S1 State). A write of 1 to this bit indicates to the core that the host requests to
change to S1 state. The S state and transition are interpreted, as specified in the ACPI standard for S state
change requests. This bit always reads back 0.
0: Not an S1 state request
1: S1 state setting request
2
S2 (Request to Change to S2 State). A write of 1 to this bit indicates to the core that the host requests to
change to S2 state. The S state and transition are interpreted, as specified in the ACPI standard for S state
change requests This bit always reads back 0.
0: Not an S2 state request
1: S2 state setting request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com