Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 330 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 330 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 326Page - National Semiconductor (TI) PC87591L Datasheet HTML 327Page - National Semiconductor (TI) PC87591L Datasheet HTML 328Page - National Semiconductor (TI) PC87591L Datasheet HTML 329Page - National Semiconductor (TI) PC87591L Datasheet HTML 330Page - National Semiconductor (TI) PC87591L Datasheet HTML 331Page - National Semiconductor (TI) PC87591L Datasheet HTML 332Page - National Semiconductor (TI) PC87591L Datasheet HTML 333Page - National Semiconductor (TI) PC87591L Datasheet HTML 334Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
330
Revision 1.07
MSWC Control Status Register 2 (MSWCTL2)
This is a byte-wide read/write register that controls the settings associated with host wake-up and activity. Bits in this register
are cleared by VCC Power-Up and RESET1 resets.
Location: 00 FCC216
Type: Varies per bit
MSWC Control Status Register 3 (MSWCTL3)
This is a byte-wide read/write register that controls the settings associated with host wake-up and activity. The contents of
this register is preserved by VPP and it is reset only on VPP Power-Up reset.
Location: 00 FCC416
Type: R/W
Bit
76543210
Name
CFGPSO
CFGPBM
ACPIS5
ACPIS4
ACPIS3
ACPIS2
ACPIS1
ACPIS0
Reset
00000000
Bit
Type
Description
0
R/W1C ACPIS0 (ACPI request for S0). This bit may be used by ACPI software to directly request a change of
power state. This bit is set when the host software writes a value of 0 to bits S1 through S5 in
WK_STATE register. This bit is cleared by writing 1 to it. A write of 0 is ignored.
0: No pending request for S0 change (default)
1: A request for S0 change was detected
5-1
R/W1C ACPIS1-5 (ACPI request for S1 through S5). These bits may be used by ACPI software to directly
request a change of power state. These bits are set by a host software write of 1 to the respective bit in
WK_STATE register. The bit is cleared by writing 1 to it. A write of 0 is ignored.
When any ACPIS0 through ACPIS5 bit is set, an APC interrupt to the core, using a MIWU input, is
asserted.
6RO
CFGPBM (SuperI/O Configuration Register D Power Button Mode). This bit reflects the current status
of the Power Button Mode bit in SIOCFD register. This bit may be used by the host software to specify
to the core he method used for power off signaling. See “SuperI/O Configuration D Register (SIOCFD)”
on page 347
A write of 1 clears the interrupt signal caused by a change in this bit value. A write of 0 to this bit is
ignored.
7RO
CFGPSO (SuperI/O Configuration Register D Power Supply Off). This bit is set whenever a 1 is
written to the Power Supply Off bit in SIOCFD register. This bit may be used by the host software to
specify to the core that the power supply should be turned off, in a non-ACPI system. See “SuperI/O
Configuration D Register (SIOCFD)” on page 347.
A write of 1 clears this bit and the interrupt signal caused by a change in this bit value. A write of 0 to
this bit is ignored.
Bit
76543210
Name
Reserved
RTCAL
LPFTO
HRAPU
Reset
00000001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com