Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 351 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 351 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 347Page - National Semiconductor (TI) PC87591L Datasheet HTML 348Page - National Semiconductor (TI) PC87591L Datasheet HTML 349Page - National Semiconductor (TI) PC87591L Datasheet HTML 350Page - National Semiconductor (TI) PC87591L Datasheet HTML 351Page - National Semiconductor (TI) PC87591L Datasheet HTML 352Page - National Semiconductor (TI) PC87591L Datasheet HTML 353Page - National Semiconductor (TI) PC87591L Datasheet HTML 354Page - National Semiconductor (TI) PC87591L Datasheet HTML 355Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
351
www.national.com
Shared Memory Configuration Register
This register is reset on host domain hardware reset to 0016 or 0916, depending on the value of the SHBM strap input.
Location: Index F416
Type: R/W
Shared Memory Base Address High Byte Register
This register describes the high byte for the user-defined memory zone mapped to the shared memory (decoded as bits 31
to 24 of the 32-bit address range, bits 15-0 are 0). This register is reset to 0016 on Host Domain Hardware reset.
Location: Index F516
Type: R/W
Bit
76543210
Name
BIOS FWH ID
BIOS FWH
Enable
User-
Defined
Memory
Space
Enable
BIOS
Extended
Space
Enable
BIOS LPC
Enable
Reset
0000
Strap
00
Strap
Bit
Description
0
BIOS LPC Enable. Enables the PC87591x to respond to LPC memory accesses to the BIOS-LPC space. The
reset value of this register is defined by the SHBM configuration inputs. The value of this bit is updated later,
based on the detected host BIOS scheme; see “Memory Range Programing” on page 350 for details.
0: Disabled (default when SHBM disable BIOS configuration)
1: Enabled (default when SHBM enable BIOS configuration)
1
BIOS Extended Space Enable. Expands the BIOS address space to which the PC87591x responds to include
the Extended BIOS address range.
0: Disabled (default)
1: Enabled
2
User-Defined Memory Space Enable. When set, enables the PC87591x to respond to LPC memory read and
write accesses in the user-defined memory area range. The base address and size of the user-defined range
are specified by the Shared Memory Base Address High and Low Byte registers and the Shared Memory Size
Configuration register.
0: Disabled (default)
1: Enabled
3
BIOS FWH Enable. When set, enables PC87591x response to LPC-FWH transactions to the BIOS-FWH
space. The reset value of this register is defined by the XCNF(2-0) configuration inputs. The value of this bit is
later updated based on the detected host BIOS scheme; see “Memory Range Programing” on page 350 for
details.
0: Disabled (default when SHBM disable BIOS configuration)
1: Enabled (default when SHBM enable BIOS configuration)
7-4
BIOS FWH ID. These four bits correspond to the identification nibble, which is part of a FWH transaction (see
Section 6.1.7 for details).
Bit
76543210
Name
User-Defined Memory Zone Address High
Reset
00000000
Bit
Description
7-0
User-Defined Memory Zone Address High. Defines the higher eight bits of the user-defined memory block
base address. The base address should be aligned on the selected block size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com