Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 355 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 355 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 351Page - National Semiconductor (TI) PC87591L Datasheet HTML 352Page - National Semiconductor (TI) PC87591L Datasheet HTML 353Page - National Semiconductor (TI) PC87591L Datasheet HTML 354Page - National Semiconductor (TI) PC87591L Datasheet HTML 355Page - National Semiconductor (TI) PC87591L Datasheet HTML 356Page - National Semiconductor (TI) PC87591L Datasheet HTML 357Page - National Semiconductor (TI) PC87591L Datasheet HTML 358Page - National Semiconductor (TI) PC87591L Datasheet HTML 359Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
355
www.national.com
6.1.13 Power Management Interface Channel 1 Configuration
Logical Device 17 (1116) Power Management Channel 1
●
Table 63 lists the configuration registers that affect Power Management I/F Channel 1
See “Standard Logical Device Configuration Register Definitions” on page 337 and Section 6.1.2 on page 340 for descrip-
tions of the other configuration registers.
Table 63. Power Management Configuration Registers
6.1.14 Power Management Interface Channel 2 Configuration
Logical Device 18 (1216) Power Management Channel 2
Table 64 lists the configuration registers that affect Power Management I/F Channel 2. See Section 6.1.2 on page 340 for
descriptions of the other configuration registers.
Table 64. Power Management Configuration Registers
Index
Power Management Channel 1 Configuration Register or Action
Type
Reset
3016
Activate. See also bit 0 of the SIOCF1.
R/W
0016
6016
Data Register Base Address MSB register. Bits 7-3 (for A15-11) are read only,
‘00000’.
R/W
0016
6116
Data Register Base Address LSB register.
R/W
6216
6216
Command/Status Base Address MSB register. Bits 7-3 (for A15-11) are read
only, ‘00000’.
R/W
0016
6316
Command/Status Base Address LSB.
R/W
6616
7016
PM Interrupt Number and Wake-Up on IRQ Enable register.
R/W
0116
7116
PM Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
0316
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416
Index
Power Management 2 Configuration Register or Action
Type
Reset
3016
Activate. See also bit 0 of the SIOCF1.
R/W
0016
6016
Data Register Base Address MSB register. Bits 7-3 (for A15-11) are read only,
‘00000‘.
R/W
0016
6116
Data Register Base Address LSB register.
R/W
6816
6216
Command/Status Base Address MSB register. Bits 7-3 (for A15-11) are read
only, ‘00000’.
R/W
0016
6316
Command/Status Base Address LSB.
R/W
6C16
7016
PM Interrupt Number and Wake-Up on IRQ Enable register.
R/W
0116
7116
PM Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
0316
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com