Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 357 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 357 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 353Page - National Semiconductor (TI) PC87591L Datasheet HTML 354Page - National Semiconductor (TI) PC87591L Datasheet HTML 355Page - National Semiconductor (TI) PC87591L Datasheet HTML 356Page - National Semiconductor (TI) PC87591L Datasheet HTML 357Page - National Semiconductor (TI) PC87591L Datasheet HTML 358Page - National Semiconductor (TI) PC87591L Datasheet HTML 359Page - National Semiconductor (TI) PC87591L Datasheet HTML 360Page - National Semiconductor (TI) PC87591L Datasheet HTML 361Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
357
www.national.com
Table 65. Crystal Oscillator Circuit Components
External Elements
Choose C1 and C2 capacitors (see Figure 113) to match the crystal’s load capacitance. The load capacitance CL “seen” by
crystal Y is comprised of C1 in series with C2 and in parallel with the parasitic capacitance of the circuit. The parasitic ca-
pacitance is caused by the chip package, board layout and socket (if any), and can vary from 0 to 8 pF. The rule of thumb
for choosing these capacitors is:
CL = (C1 * C2) / (C1 + C2) + CPARASITIC
Oscillator Start-Up
The oscillator starts to generate 32.768 KHz pulses to the RTC after approximately t32KW from when VBAT is higher than
VBATMIN (2.4 V) or from when VCC is higher than VCCMIN (3.0V).
C1 can be trimmed to achieve precisely 32.768 KHz. To achieve a high time accuracy, use crystal and capacitors with low
tolerance and temperature coefficients.
6.2.4
External Oscillator
32.768 KHz can be applied from an external clock source, as shown in Figure 114.
Figure 114. External Oscillator Connections
Connections
Connect the clock to the 32KCLKIN pin, leaving the oscillator output, 32KX2, unconnected.
Component
Parameters
Values
Tolerance
Crystal
Resonance Frequency
32.768 KHz Parallel Mode
User defined
Type
N-Cut or XY-bar
Serial Resistance
40 K
Ω
Max
Quality Factor, Q
35000
Min
Shunt Capacitance
2 pF
Max
Load Capacitance, CL
9-13 pF
Temperature Coefficient
User defined
Resistor R1 Resistance
20 M
Ω
5%
Resistor R2 Resistance
121 K
Ω
5%
Capacitor C1 Capacitance
10 pF
10%
Capacitor C2 Capacitance
12 pF
10%
32.768 KHz
Clock Generator
Internal
External
32KCLKIN /
32KX2
NC
To other
modules
Battery
VBAT
B1
CF
CF
OUT
POWER
CF = 0.1
µF
32KX1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com