Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 360 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 360 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 356Page - National Semiconductor (TI) PC87591L Datasheet HTML 357Page - National Semiconductor (TI) PC87591L Datasheet HTML 358Page - National Semiconductor (TI) PC87591L Datasheet HTML 359Page - National Semiconductor (TI) PC87591L Datasheet HTML 360Page - National Semiconductor (TI) PC87591L Datasheet HTML 361Page - National Semiconductor (TI) PC87591L Datasheet HTML 362Page - National Semiconductor (TI) PC87591L Datasheet HTML 363Page - National Semiconductor (TI) PC87591L Datasheet HTML 364Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
360
Revision 1.07
6.2.9
Power Supply
The PC87591x is supplied from four supply voltages, as shown in Figure 116 (see Section 3.1 on page 62 for more detailed
description):
●
System power supply voltage, VDD
●
System analog power supply voltage, AVCC
●
System standby power supply voltage, VCC
●
Backup voltage, from low-capacity Lithium battery
A standby voltage (VCC) from the external AC/DC power supply powers the RTC under normal conditions.
Figure 116. Power Supply Connections
Figure 117 shows a typical battery configuration. No external diode is required to meet the UL standard, because of the in-
ternal switch and internal serial resistor RUL.
Figure 117. Typical Battery Configuration
RTC power is supplied from either VCC or VBAT voltage source, according to the sources’ levels. An internal voltage com-
parator delivers the control signals to a pair of switches. When VCC is active, the RTC power is drawn from it. Battery backup
voltage (VBAT) maintains the correct time and saves the CMOS memory when the VCC voltage is absent due to power failure
or disconnection of the main battery. Figure 117 illustrates the mechanism whereby VCC or VBAT is selected.
To assure that the module uses power from VCC and not from VBAT, the VCC voltage should be maintained above its
minimum (VCC2PP), as detailed in Section 7 on page 372. Figure 118 illustrates the switching between VCC (thick green
line) and VBAT (thin red line) and vice-versa for generating VPP (thin blue line).
The actual voltage point where the PC87591x switches from VBAT to VCC is lower than the minimum workable battery volt-
age but high enough to guarantee the correct functionality of the oscillator and the CMOS RAM.
The Valid RAM and Timer bit (VRT) in CRD register indicates the state of non-interrupted power supplied to the
PC87591x RTC module. VRT is cleared once VPP power is lost, i.e., when VCC and VBAT are both below VLOWBAT. The
host code should read this bit as part of the startup routine, before using the timer or the CMOS-RAM contents. In case
a value of 0 is read, the RAM and timer must be initialized before use. The VRT bit is set once read.
RTC
Power
Backup
VDD
VCC
VDD
VCC
VBAT
Battery
External AC Power
Supply
VDD Sense
VCC
VBAT
VCC
PC0
VBAT
ONCTL
ONCTL
ACPI Controller
AVCC
VBAT
0.1
µF
VCC
VCC
CF
CF
BT1
0.1
µF
VPP
RUL
VREF
RTC
1. Place a 0.1
µF capacitor on each V
CC power supply
pin as close as possible to the pin, and also on VBAT.
2. Place a 10-47
µF capacitor on the common power
supply net as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com