Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 364 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 364 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 360Page - National Semiconductor (TI) PC87591L Datasheet HTML 361Page - National Semiconductor (TI) PC87591L Datasheet HTML 362Page - National Semiconductor (TI) PC87591L Datasheet HTML 363Page - National Semiconductor (TI) PC87591L Datasheet HTML 364Page - National Semiconductor (TI) PC87591L Datasheet HTML 365Page - National Semiconductor (TI) PC87591L Datasheet HTML 366Page - National Semiconductor (TI) PC87591L Datasheet HTML 367Page - National Semiconductor (TI) PC87591L Datasheet HTML 368Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
364
Revision 1.07
RTC Register Map
Seconds Register (SEC)
Location: Index 0016
Type: R/W
Index
Mnemonic
Name
Type
Reset
0016
SEC
Seconds Register
R/W
VPP PUR
0116
SECA
Seconds Alarm Register
R/W
VPP PUR
0216
MIN
Minutes Register
R/W
VPP PUR
0316
MINA
Minutes Alarm Register
R/W
VPP PUR
0416
HOR
Hours Register
R/W
VPP PUR
0516
HORA
Hours Alarm Register
R/W
VPP PUR
0616
DOW
Day Of Week Register
R/W
VPP PUR
0716
DOM
Date Of Month Register
R/W
VPP PUR
0816
MON
Month Register
R/W
VPP PUR
0916
YER
Year Register
R/W
VPP PUR
0A16
CRA
RTC Control Register A
R/W
Bit specific
0B16
CRB
RTC Control Register B
R/W
Bit specific
0C16
CRC
RTC Control Register C
R/O
Bit specific
0D16
CRD
RTC Control Register D
R/O
VPP PUR
Programmable1
1. Overlaid on RAM bytes in range 0E16-7F16.
DOMA
Date of Month Alarm Register
R/W
VPP PUR
Programmable1
MONA
Month Alarm Register
R/W
VPP PUR
Programmable1
CEN
Century Register
R/W
VPP PUR
Bit
76543210
Name
Seconds Data
Reset
00000000
Bit
Description
7-0
Seconds Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com