Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 366 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 366 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 362Page - National Semiconductor (TI) PC87591L Datasheet HTML 363Page - National Semiconductor (TI) PC87591L Datasheet HTML 364Page - National Semiconductor (TI) PC87591L Datasheet HTML 365Page - National Semiconductor (TI) PC87591L Datasheet HTML 366Page - National Semiconductor (TI) PC87591L Datasheet HTML 367Page - National Semiconductor (TI) PC87591L Datasheet HTML 368Page - National Semiconductor (TI) PC87591L Datasheet HTML 369Page - National Semiconductor (TI) PC87591L Datasheet HTML 370Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
366
Revision 1.07
Hours Alarm Register (HORA)
Location: Index 0516
Type: R/W
Day Of Week Register (DOW)
Location: Index 0616
Type: R/W
Date Of Month Register (DOM)
Location: Index 0716
Type: R/W
Month Register (MON)
Location: Index 0816
Type: R/W
Bit
76543210
Name
Hours Alarm Data
Reset
00000000
Bit
Description
7-0
Hours Alarm Data. For 12-hour mode, values may be 01 to 12 (a.m.) and 81 to 92 (p.m.) in BCD format or 01
to 0C (a.m.) and 81 to 8C (p.m.) in binary format. For 24-hour mode, values may be 00 to 23 in BCD format or
00 to 17 in binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected.
Bit
76543210
Name
Day Of Week Data
Reset
00000000
Bit
Description
7-0
Day Of Week Data. Values may be 01 to 07 in BCD format or 01 to 07 in binary format.
Bit
76543210
Name
Date Of Month Data
Reset
00000000
Bit
Description
7-0
Date Of Month Data. Values may be 01 to 31 in BCD format or 01 to 1F in binary format.
Bit
76543210
Name
Month Data
Reset
00000000
Bit
Description
7-0
Month Data. Values may be 01 to 12 in BCD format or 01 to 0C in binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com