Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 361 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 361 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 357Page - National Semiconductor (TI) PC87591L Datasheet HTML 358Page - National Semiconductor (TI) PC87591L Datasheet HTML 359Page - National Semiconductor (TI) PC87591L Datasheet HTML 360Page - National Semiconductor (TI) PC87591L Datasheet HTML 361Page - National Semiconductor (TI) PC87591L Datasheet HTML 362Page - National Semiconductor (TI) PC87591L Datasheet HTML 363Page - National Semiconductor (TI) PC87591L Datasheet HTML 364Page - National Semiconductor (TI) PC87591L Datasheet HTML 365Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
361
www.national.com
Figure 119 shows typical battery current consumption during battery-backed operation; Figure 120 shows typical battery
current consumption during normal operation.
Figure 119. Typical Battery Current During Battery-Backed Power Mode
Figure 120. Typical Battery Current During Normal Operation Mode
6.2.10 System Bus Lockout
During power on or power off, spurious bus transactions from the host may occur. To protect the RTC internal registers from
corruption, all inputs are automatically locked out. The lockout condition is asserted when VCC is lower than VCCON.
6.2.11 Power-Up Detection
When system power is restored after a power failure or power off state (VCC=0), the lockout condition continues for a delay
of 62 ms (minimum) to 125 ms (maximum) after the RTC switches from battery to system power.
The lockout condition is switched off immediately in the following situations:
●
If the Divider Chain Control bits, DV0-2, (bits 6-4 in CRA register) specify a normal operation mode (0102), all input
signals are enabled immediately on detection of system voltage above VCCON.
●
When battery voltage is below VBATDCT and host domain hardware reset is active, all input signals are enabled im-
mediately on detection of system voltage above VCCON. This also initializes registers at offsets 0016 through 0D16.
●
If bit 7 (VRT) of CRD register is 0, all input signals are enabled immediately on detection of system voltage above VCCON.
time
VCC
VPP
VBAT
3.3V - 3.6V
VCC2PP
VPP2CC
VPP uses VCC
VPP uses VBAT
Figure 118. VPP Generation Using VCC or VBAT
VPP
VBAT
VCC
VPP uses VBAT
IBAT (µA)
1.0
0.9
0.8
0.7
2.4 3.0 3.6
VBAT (V)
IBAT (µA)
0.20
0.15
0.10
0.05
3.0 3.3 3.6
VCC
Note: Battery voltage in this test is 3.0V.
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com