Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 378 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 378 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 374Page - National Semiconductor (TI) PC87591L Datasheet HTML 375Page - National Semiconductor (TI) PC87591L Datasheet HTML 376Page - National Semiconductor (TI) PC87591L Datasheet HTML 377Page - National Semiconductor (TI) PC87591L Datasheet HTML 378Page - National Semiconductor (TI) PC87591L Datasheet HTML 379Page - National Semiconductor (TI) PC87591L Datasheet HTML 380Page - National Semiconductor (TI) PC87591L Datasheet HTML 381Page - National Semiconductor (TI) PC87591L Datasheet HTML 382Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
378
Revision 1.07
7.4
ANALOG CHARACTERISTICS
7.4.1
ADC Characteristics
Voltage Measurement
Parameter
Symbol
Conditions1
Min
Typ
Max
Unit
Resolution
RES
10
Bit
Offset Error2
OERL
3
AD0-9:
12 mV
≤ V
IN ≤ 0.9 V
±0.25
LSB
OERH
AD0-9:
40 mV
≤ V
IN ≤ AVCC −0.8
±0.25
LSB
OERB
AD13:
0.9V
≤ V
IN ≤ AVCC −0.2
±0.25
LSB
OERV
AD10-12:
0.1V
≤ V
IN ≤ VFS
±0.25
LSB
Gain Error4
GERL
AD0-9:
12 mV
≤ V
IN ≤ 0.9 V
±0.75
LSB
GERH
AD0-9:
40 mV
≤ V
IN ≤ AVCC −0.8
±0.75
LSB
GERB
AD13:
0.9V
≤ V
IN ≤ AVCC −0.2
±0.75
LSB
GERV
AD10-12:
0.1V
≤ V
IN ≤ VFS
±0.75
LSB
Integral Non-linearity Error5
INLL
AD0-9:
12 mV
≤ V
IN ≤ 0.9 V
±0.5
LSB
INLH
AD0-9:
40 mV
≤ V
IN ≤ AVCC −0.8
±0.5
LSB
INLB
AD13:
0.9V
≤ V
IN ≤ AVCC −0.2
±0.5
LSB
INLV
AD10-12:
0.1V
≤ V
IN ≤ VFS
±0.5
LSB
Differential Non-linearity Error6
DNLL
AD0-9:
12 mV
≤ V
IN ≤ 0.9 V
±0.257
LSB
DNLH
AD0-9:
40 mV
≤ V
IN ≤ AVCC −0.8
±0.257
LSB
DNLB
AD13:
0.9V
≤ V
IN ≤ AVCC −0.2
±0.257
LSB
DNLV
AD10-12:
0.1V
≤ V
IN ≤ VFS
±0.257
LSB
External Inputs Accuracy8
EACUL
AD0-9:
12 mV
≤ V
IN ≤ 0.9 V
±1
LSB
EACUH
AD0-9:
40 mV
≤ V
IN ≤ AVCC −0.8
±1
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com