Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 374 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 374 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 370Page - National Semiconductor (TI) PC87591L Datasheet HTML 371Page - National Semiconductor (TI) PC87591L Datasheet HTML 372Page - National Semiconductor (TI) PC87591L Datasheet HTML 373Page - National Semiconductor (TI) PC87591L Datasheet HTML 374Page - National Semiconductor (TI) PC87591L Datasheet HTML 375Page - National Semiconductor (TI) PC87591L Datasheet HTML 376Page - National Semiconductor (TI) PC87591L Datasheet HTML 377Page - National Semiconductor (TI) PC87591L Datasheet HTML 378Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 437 page
background image
7.0 Device Specifications (Continued)
www.national.com
374
Revision 1.07
7.2
DC CHARACTERISTICS OF PINS BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in Chapter 2 on page 39. The character-
istics describe the general I/O buffer types defined in Table 4 on page 41. For exceptions, see Section 7.2.9 on page 376.
For the DC characteristics of the analog pins, see Section 7.4 on page 378. The DC characteristics of the system interface
meet the PCI 2.1 3.3V DC signaling.
7.2.1
Input, CMOS Compatible with Schmitt Trigger
Symbol: INCS
7.2.2
Input, PCI 3.3V
Symbol: INPCI
7.2.3
Input, SMBus Compatible
Symbol: INSM
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.75 VSUP
1
1. VSUP is VDD or VCC, according to the power well of the input.
5.52
2. Not tested; guaranteed by design.
V
VIL
Input Low Voltage
−0.52
1.1
V
VH
Input Hysteresis
5003
3. Not tested; guaranteed by characterization.
mV
IIL
Input Leakage Current
0 < VIN <VSUP
±14
4. Maximum 10
µA for all pins together.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5 VDD
VDD + 0.5
1
1. Not tested; guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.3 VDD
V
lIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < VIN <VDD
±13
3. Maximum 10
µA for all pins together.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
1.4
5.51
1. Not tested; guaranteed by design.
V
VIL
Input Low Voltage
−0.5 1
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0 < VIN <VDD
±13
3. Maximum 10
µA for all pins together.
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com