Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 372 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 372 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 368Page - National Semiconductor (TI) PC87591L Datasheet HTML 369Page - National Semiconductor (TI) PC87591L Datasheet HTML 370Page - National Semiconductor (TI) PC87591L Datasheet HTML 371Page - National Semiconductor (TI) PC87591L Datasheet HTML 372Page - National Semiconductor (TI) PC87591L Datasheet HTML 373Page - National Semiconductor (TI) PC87591L Datasheet HTML 374Page - National Semiconductor (TI) PC87591L Datasheet HTML 375Page - National Semiconductor (TI) PC87591L Datasheet HTML 376Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 437 page
background image
www.national.com
372
Revision 1.07
7.0
Device Specifications
This section provides the power and grounding guidelines for the PC87591x, specifies the device’s maximum ratings and
electrical characteristics and describes its timing.
7.1
GENERAL DC ELECTRICAL CHARACTERISTICS
7.1.1
Recommended Operating Conditions
7.1.2
Absolute Maximum Ratings
If military- or aerospace-specified devices are required, please contact a National Semiconductor sales office or distributor
for availability and specifications.
Storage Temperature:
−65°C to +150°C
Temperature Under Bias: 0
°C to +70°C
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Host Domain Supply Voltage
3.0
3.3
3.6
V
VCC
Core Domain Supply Voltage
3.0
3.3
3.6
V
AVCC
Analog Supply Voltage
3.15
3.3
3.45
V
VBAT
Battery Backup Supply Voltage
2.4
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Host Domain Supply Voltage
−0.5
+4.2
V
VCC
Core Domain Supply Voltage
−0.5
+4.2
V
AVCC Analog Supply Voltage
−0.5
+4.2
V
VBAT
Battery Backup Supply Voltage
−0.5
+4.2
V
VI
Input Voltage
All other buffer types
−0.5
5.5
V
Buffer types: INAC
1,IN
AD,INDI,INOSC,
INPCI,INTS (IOPE0-3, IOPE6-7)
1. When ACM is enabled.
−0.5
VSUP
2 + 0.5
2. VSUP is VDD, VCC, AVCC or VBAT, according to the power well of the input.
V
VO
Output Voltage
All other buffer types
−0.5
5.5
V
Buffer types: ODA,ODI,OOSC,OPCI
−0.5
VSUP
3 + 0.5
3. VSUP is VDD, VCC, AVCC or VBAT, according to the power well of the output.
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω4
4. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com