Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 371 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 371 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 367Page - National Semiconductor (TI) PC87591L Datasheet HTML 368Page - National Semiconductor (TI) PC87591L Datasheet HTML 369Page - National Semiconductor (TI) PC87591L Datasheet HTML 370Page - National Semiconductor (TI) PC87591L Datasheet HTML 371Page - National Semiconductor (TI) PC87591L Datasheet HTML 372Page - National Semiconductor (TI) PC87591L Datasheet HTML 373Page - National Semiconductor (TI) PC87591L Datasheet HTML 374Page - National Semiconductor (TI) PC87591L Datasheet HTML 375Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
371
www.national.com
Century Register (CEN)
Location: Programmable Index
Type: R/W
6.2.16 BCD and Binary Formats
6.2.17 Usage Hints
1. Read bit 7 of CRD register at each system power-up to validate the contents of the RTC registers and the CMOS RAM.
When this bit is 0, the contents of these registers and the CMOS RAM are questionable. This bit is reset when the backup
battery voltage is too low. The voltage level at which this bit is reset is below the minimum recommended battery voltage,
2.4V. Although the RTC oscillator may function properly and the register contents may be correct at lower than 2.4V, this
bit is reset since correct functionality cannot be guaranteed. System BIOS may use a checksum method to revalidate
the contents of the CMOS-RAM. The checksum byte should be stored in the same CMOS RAM.
2. Change the backup battery while normal operating power is present, and not in backup mode, to maintain valid time and
register information. If a low leakage capacitor is connected to VBAT, the battery may be changed in backup mode.
3. A rechargeable NiCd battery may be used instead of a non-rechargeable Lithium battery. This is the preferred solution
for portable systems, where small components are essential.
4. A supercap capacitor may be used instead of the normal Lithium battery. In a portable system, typically, the VSB voltage
is always present because the power management stops the system before its voltage falls to low. A supercap capacitor
in the range of 0.047F-0.47F should be able to supply the power during a battery replacement.
6.2.18 RTC General-Purpose RAM Map
Table 68. Standard RAM Map
Table 69. Extended RAM Map
Bit
76543210
Name
Century Data
Reset
00000000
Bit
Description
7-0
Century Data. Values may be 00 to 99 in BCD format or 00 to 63 in binary format.
Parameter
BCD Format
Binary Format
Seconds
00 to 59
00 to 3B
Minutes
00 to 59
00 to 3B
Hours
12-hour mode:01 to 12 (a.m.); 81 to 92 (p.m.)
24-hour mode:00 to 23
12-hour mode:01 to 0C (a.m.); 81 to 8C (p.m.)
24-hour mode:00 to 17
Day
01 to 07 (Sunday = 01)
01 to 07
Date
01 to 31
01 to 1F
Month
01 to 12 (January = 01)
01 to 0C
Year
00 to 99
00 to 63
Century
00 to 99
00 to 63
Index
Description
0E16 -7F16
1
1. Battery-backed 111-byte RAM (114
− 3 overlaid registers).
Battery-backed general-purpose 111-byte RAM.
Index
Description
0016 -7F16
Battery-backed general-purpose 128-byte RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com