Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 420 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 420 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 416Page - National Semiconductor (TI) PC87591L Datasheet HTML 417Page - National Semiconductor (TI) PC87591L Datasheet HTML 418Page - National Semiconductor (TI) PC87591L Datasheet HTML 419Page - National Semiconductor (TI) PC87591L Datasheet HTML 420Page - National Semiconductor (TI) PC87591L Datasheet HTML 421Page - National Semiconductor (TI) PC87591L Datasheet HTML 422Page - National Semiconductor (TI) PC87591L Datasheet HTML 423Page - National Semiconductor (TI) PC87591L Datasheet HTML 424Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 437 page
background image
Software for Hardware Interface (Continued)
www.national.com
420
Revision 1.07
A.2
HOST DOMAIN REGISTER LIST
A.2.1
Configuration Registers
Access to all host configuration registers is via an index/data scheme that uses the host configuration index/data pair.
A.2.2
Host Runtime Registers
Module
Register Name
Size
Register
Address
Access Type
Value After
Reset
Comments
Common SuperI/O Configuration
(Section 6.1.8 on page 343)
SID
Byte
Index 2016
Read Only
EC16
SIOCF1
Byte
Index 2116
Varies per bit
1116
SIOCF5
Byte
Index 2516
Read/Write
0016
SIOCF6
Byte
Index 2616
Read/Write
0016
SRID
Byte
Index 2716
Read Only
SIOCF8
Byte
Index 2816
Read/Write
0016
SIOCF9
Byte
Index 2916
Read/Write
0116
SIOCFD
Byte
Index 2D16
Read/Write
0016
Shared Memory
(Section 6.1.11 on page 349)
Shared Memory
Configuration
Byte
Index F416
Read/Write
0016 or 0916
depending on
SHBM strap
Shared Memory
Base Address
High Byte
Byte
Index F516
Read/Write
0016
Shared Memory
Base Address
Low Byte
Byte
Index F616
Read/Write
0016
Shared Memory
Size Config
Byte
Index F716
Read/Write
0016
RTC Configuration
When LDN is set to 1016. (Section 6.1.12 on page 353)
RLR
Byte
Device
Specific
Read/Write
0016
Cleared by H/W
reset only
DOMAO
Byte
Index F016
Read/Write
0016
MONAO
Byte
Index F116
Read/Write
0016
CENO
Byte
Index F316
Read/Write
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com