Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 422 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 422 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 418Page - National Semiconductor (TI) PC87591L Datasheet HTML 419Page - National Semiconductor (TI) PC87591L Datasheet HTML 420Page - National Semiconductor (TI) PC87591L Datasheet HTML 421Page - National Semiconductor (TI) PC87591L Datasheet HTML 422Page - National Semiconductor (TI) PC87591L Datasheet HTML 423Page - National Semiconductor (TI) PC87591L Datasheet HTML 424Page - National Semiconductor (TI) PC87591L Datasheet HTML 425Page - National Semiconductor (TI) PC87591L Datasheet HTML 426Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 437 page
background image
Software for Hardware Interface (Continued)
www.national.com
422
Revision 1.07
COMAND
Byte
Defined in
LDN 0616
index 6216,
6316
W
Power Management Channel 1
The base address is defined by LDN 1116 (“Host Addresses” on page 277).
DBBOUT
Byte
Defined in
LDN 1116
index 6016,
6116
R
STATUS
Byte
Defined in
LDN 1116
index 6216,
6316
R
0016
DBBIN
Byte
Defined in
LDN 1116
index 6016,
6116
W
COMAND
Byte
Defined in
LDN 1116h
index 6216,
6316
W
Power Management Channel 2
The base address is defined by LDN 1216 (“Host Addresses” on page 277).
DBBOUT
Byte
Defined in
LDN 1216
index 6016,
6116
R
STATUS
Byte
Defined in
LDN 1216
index 6216,
6316
R
0016
DBBIN
Byte
Defined in
LDN 1216
index 6016,
6116
W
COMAND
Byte
Defined in
LDN 1216
index 6216,
6316
W
RTC
Access is via a index/data scheme that uses an index/data pair pointed to by LDN 1016 (Section 6.2.15 on page 363).
Module
Register Name
Size
Register
Address
Access Type
Value After
Reset
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com