Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 425 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 425 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 421Page - National Semiconductor (TI) PC87591L Datasheet HTML 422Page - National Semiconductor (TI) PC87591L Datasheet HTML 423Page - National Semiconductor (TI) PC87591L Datasheet HTML 424Page - National Semiconductor (TI) PC87591L Datasheet HTML 425Page - National Semiconductor (TI) PC87591L Datasheet HTML 426Page - National Semiconductor (TI) PC87591L Datasheet HTML 427Page - National Semiconductor (TI) PC87591L Datasheet HTML 428Page - National Semiconductor (TI) PC87591L Datasheet HTML 429Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 437 page
background image
Software for Hardware Interface (Continued)
Revision 1.07
425
www.national.com
A.3.5
PS/2 Interface
(Section 4.6.5 on page 128)
A.3.6
Core Interface
(Section 5.1.4 on page 282 and Section 5.2.3 on page 290)
PCDIN
PC Port Input Data
PDDIN
PD Port Input Data
PEDIN
PE Port Input Data
PFDIN
PF Port Input Data
PHDIN
PH Port Input Data
PIDIN
PI Port Input Data
PJDIN
PJ Port Input Data
PKDIN
PK Port Input Data
PLDIN
Reserved
PL Port Input Data
PMDIN
PM Port Input Data
PADOUT
PA Port Output Data
PBDOUT
PB Port Output Data
PCDOUT
PC Port Output Data
PDDOUT
PD Port Output Data
PFDOUT
PF Port Output Data
PHDOUT
PH Port Output Data
PIDOUT
PI Port Output Data
PJDOUT
PJ Port Output Data
PKDOUT
PK Port Output Data
PLDOUT
Reserved
PL Port Output Data
PMDOUT
PM Port Output Data
PAWPU
PA Port Weak Pull-up Enable
PBWPU
PB Port Weak Pull-up Enable
PCWPU
PC Port Weak Pull-up Enable
PDWPU
PD Port Weak Pull-up Enable
PEWPU
PE Port Weak Pull-up Enable
Reserved
PE Port
Weak Pull-
up Enable
Reserved
PFWPU
PF Port Weak Pull-up Enable
PAALT
PA Pins Alternate Function Enable
PBALT
PB Pins Alternate Function Enable
PCALT
PC Pins Alternate Function Enable
PDALT
PD Pins Alternate Function Enable
PEALT
PE Pins Alternate Function Enable
PFALT
PF Pins Alternate Function Enable
76
5
4
3
2
1
0
PSDAT
Data
PSTAT
Reserved
RFERR
ACH
PERR
EOT
SOT
PSCON
WPUEN
IDB
HDRV
XMT
EN
PSOSIG
CLK4
WDAT4
CLK3
CLK2
CLK1
WDAT3
WDAT2
WDAT1
PSISIG
RCLK4
RDAT4
RCLK3
RCLK2
RCLK1
RDAT3
RDAT2
RDAT1
PSIEN
Reserved
DSMIE
EOTIE
SOTIE
76
54
3
2
1
0
HICTRL
Reserved
PMICIE
PMOCIE
PMHIE
IBFCIE
OBECIE
OBFMIE
OBFKIE
HIIRQC
Reserved
IRQNPOL
IRQM
IRQ11B
IRQ12BO
BFMIE
IRQ1B
HIKMST
ST3
ST2
ST1
ST0
A2
F0
IBF
OBF
HIKDO
Keyboard DBBOUT Data
HIMDO
Mouse DBBOUT Data
HIKMDI
Keyboard/Mouse DBBIN Data
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com