Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 431 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 431 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 427Page - National Semiconductor (TI) PC87591L Datasheet HTML 428Page - National Semiconductor (TI) PC87591L Datasheet HTML 429Page - National Semiconductor (TI) PC87591L Datasheet HTML 430Page - National Semiconductor (TI) PC87591L Datasheet HTML 431Page - National Semiconductor (TI) PC87591L Datasheet HTML 432Page - National Semiconductor (TI) PC87591L Datasheet HTML 433Page - National Semiconductor (TI) PC87591L Datasheet HTML 434Page - National Semiconductor (TI) PC87591L Datasheet HTML 435Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 437 page
background image
Software for Hardware Interface (Continued)
Revision 1.07
431
www.national.com
A.4
HOST DOMAIN REGISTER LAYOUT
Host Configuration Registers
A.4.1
SuperI/O Configuration
(Section 6.1.8 on page 343)
A.4.2
Shared Memory Configuration
(Section 6.1.11 on page 349)
A.4.3
RTC Configuration
(Section 6.1.12 on page 353)
Host Runtime Registers
A.4.4
Shared Memory Host
(Section 5.3.8 on page 303)
7
6
5
43210
SID
Family ID
SIOCF1
Reserved
Number of DMA Wait
States
Number of I/O Wait
States
Software
Reset
SuperI/O
Devices
Enable
SIOCF5
Reserved
SMI to IRQ2
Enable
Reserved
SIOCF6
SCIOF6 Soft-
ware Lock
General-Purpose
Scratch
RTC
Disabled
Reserved
SRID
Chip Revision ID
SIOCF8
Reserved
LPC Bus Master Num.
Reserved
SIOCF9
Reserved
Module
Enable
Status
Valid Multi-
plier Clock
Status
Clock
Enable
SuperI/O Clock Domain
Source
SIOCFD
Reserved
Power
Supply Off
Power But-
ton Mode
7
6
5
43210
Shared Memory
Configuration
BIOS FWH ID
BIOS FWH
Enable
User-De-
fined Mem-
ory Space
Enable
BIOS Ex-
tended
Space En-
able
BIOS LPC
Enable
Shared Memory
Base Address
High Byte
User-Defined Memory Zone Address High
Shared Memory
Base Address
Low Byte
User-Defined Memory Zone Address Low
Shared Memory
Size Configuration
Reserved
User-Defined Memory Zone Size
7
6
5
43210
RLR
Block
Standard
RAM
Block
RAM Write
Block
Extended
RAM Write
Block
Extended
RAM Read
Block
Extended
RAM
Reserved
DOMAO
Reserved
Date of Month Alarm Register Offset Value
MONAO
Reserved
Month Alarm Register Offset Value
CENO
Reserved
Century Register Offset Value
7
6
5
43210
SMIMA0
Indirect Memory Address (7-0)
SMIMA1
Indirect Memory Address (15-8)
SMIMA2
Indirect Memory Address (23-16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com