Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87591L Datasheet(PDF) 434 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 434 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 429Page - National Semiconductor (TI) PC87591L Datasheet HTML 430Page - National Semiconductor (TI) PC87591L Datasheet HTML 431Page - National Semiconductor (TI) PC87591L Datasheet HTML 432Page - National Semiconductor (TI) PC87591L Datasheet HTML 433Page - National Semiconductor (TI) PC87591L Datasheet HTML 434Page - National Semiconductor (TI) PC87591L Datasheet HTML 435Page - National Semiconductor (TI) PC87591L Datasheet HTML 436Page - National Semiconductor (TI) PC87591L Datasheet HTML 437Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 434 / 437 page
background image
www.national.com
434
Revision 1.07
B.
Software for Hardware Interface
B.1
FACTORY PARAMETERS
The following table is stored in the factory parameters section of the flash.
RevisionCode Interpretation
●
00xx16 - Pre-production versions; contact NSC for usage guidelines.
●
01xx16 - Production version xx of PC87591x devices (xx is a version number starting with 0x00).
●
02xx16 - Production version xx of PC87591x devices with special handling noted in user information.
●
FFxx16 - A non-tested device; contact National Semiconductor for usage guidelines.
●
Other - Reserved for future use.
The ADC should be initialized after reset with the factory parameters setting that are stored in flash memory. The code below
is an example of how the data may be loaded into the ADC.
#define IBAI
(*((volatile unsigned short *)0xF880))
#define IBD
(*((volatile unsigned short *)0xF882))
#define ADCPINX
(*((volatile unsigned char*)0xFF2A))
#define ADCPD
(*((volatile unsigned int *)0xFF2C))
void CalibrateADC()
{
unsigned int i, count;
IBAI = 0x0000;
// Set address to RevisionCode
if ( (IBD & 0xff00) == 0x0100)
// Check that RevisionCode is 0x01yy;
// refer to user information on
// other cases.
{
// Factory Parameters are programed with the correct version
IBAI= 0x0002;
// Set address to ‘count’
count = IBD;
// Read the number of elements to copy
for (i=1; i<= count ; i++)
{
ADCPINX = (unsigned char)i;
// Set pointer in ADC register
IBAI = 2*i+2;
// Set pointer in Flash
ADCPD
= IBD;
// Copy from flash to ADC register
}
ADCPINX = 0x00;
// change the index back to the default register.
ADCPD = 0x0001;
// Lock the ADC calibration registers.}
}
Information Block Address
Data [Word]
000016
unsigned int RevisionCode
000216
unsigned int count
007C16
Copy of SRID register indication for the
device revision number.
For PC87591E: FF0n16
For PC87591S: FF2n16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com