Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 45 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 45 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 355 page
background image
38B5 Group User’s Manual
1-29
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 22 Structure of serial I/O1 control registers 1, 2
b7
b0
P62/SRDY1 • P64/SBUSY1 pin control bits
0000: Pins P62 and P64 are I/O ports
0001: Not used
0010: P62 pin is an SRDY1 output, P64 pin is an I/O port.
0011: P62 pin is an SRDY1 output, P64 pin is an I/O port.
0100: P62 pin is an I/O port, P64 pin is an SBUSY1 input.
0101: P62 pin is an I/O port, P64 pin is an SBUSY1 input.
0110: P62 pin is an I/O port, P64 pin is an SBUSY1 output.
0111: P62 pin is an I/O port, P64 pin is an SBUSY1 output.
1000: P62 pin is an SRDY1 input, P64 pin is an SBUSY1 output.
1001: P62 pin is an SRDY1 input, P64 pin is an SBUSY1 output.
1010: P62 pin is an SRDY1 input, P64 pin is an SBUSY1 output.
1011: P62 pin is an SRDY1 input, P64 pin is an SBUSY1 output.
1100: P62 pin is an SRDY1 output, P64 pin is an SBUSY1 input.
1101: P62 pin is an SRDY1 output, P64 pin is an SBUSY1 input.
1110: P62 pin is an SRDY1 output, P64 pin is an SBUSY1 input.
1111: P62 pin is an SRDY1 output, P64 pin is an SBUSY1 input.
Serial I/O1 control register 2
(SIO1CON2 (SC12): address 001A 16)
P51/SOUT1 P-channel output disable bit
0: CMOS 3-state (P-channel output is valid.)
1: N-channel open-drain (P-channel output is invalid.)
SOUT1 pin control bit (at no-transfer serial data)
0: Output active
1: Output high-impedance
SBUSY1 output • SSTB1 output function selection bit
(Valid in automatic transfer mode)
0: Functions as each 1-byte signal
1: Functions as signal for all transfer data
Serial transfer status flag
0: Serial transfer completion
1: Serial transferring
b7
b0
Serial I/O1 control register 1
(SIO1CON1 (SC11):address 001916)
Serial I/O1 synchronous clock selection bits (P6 5/SSTB1 pin control bit)
00: Internal synchronous clock (P6 5 pin is an I/O port.)
01: External synchronous clock (P6 5 pin is an I/O port.)
10: Internal synchronous clock (P6 5 pin is an SSTB1 output.)
11: Internal synchronous clock (P6 5 pin is an SSTB1 output.)
Transfer mode selection bit
0: Full duplex (transmit and receive) mode (P5 0 pin is an SIN1 input.)
1: Transmit-only mode (P50 pin is an I/O port.)
Serial I/O initialization bit
0: Serial I/O initialization
1: Serial I/O enabled
Serial I/O1 clock pin selection bit
0:SCLK11 (P53/SCLK12 pin is an I/O port.)
1:SCLK12 (P52/SCLK11 pin is an I/O port.)
Transfer direction selection bit
0: LSB first
1: MSB first
Serial transfer selection bits
00: Serial I/O disabled (pins P62,P64,P65,and P50—P53 are I/O ports)
01: 8-bit serial I/O
10: Not available
11: Automatic transfer serial I/O (8-bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com