Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 95 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 95 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 355 page
background image
2-7
APPLICATION
2.1 I/O port
38B5 Group User’s Manual
2.1.4 Notes on use
(1)
Notes in standby state
In standby state
V1 for low-power dissipation, do not make input levels of an input port and an I/O port
“undefined”, especially for I/O ports of the P-channel open-drain and the N-channel open-drain.
Pull-up (connect the port to VCC) or pull-down (connect the port to VSS) these ports through a
resistor.
When determining a resistance value, note the following points:
• External circuit
• Variation of output levels during the ordinary operation
When using built-in pull-up resistor, note on varied current values:
• When setting as an input port : Fix its input level
• When setting as an output port : Prevent current from flowing out to external
q Reason
Even when setting as an output port with its direction register, in the following state :
• P-channel......when the content of the port latch is “0”
• N-channel......when the content of the port latch is “1”
the transistor becomes the OFF state, which causes the ports to be the high-impedance state.
Note that the level becomes “undefined” depending on external circuits.
Accordingly, the potential which is input to the input buffer in a microcomputer is unstable in the
state that input levels of a input port and an I/O port are “undefined”. This may cause power source
current.
V1 standby state: stop mode by executing STP instruction
wait mode by executing WIT instruction
(2)
N-channel open-drain port
P40–P42, P45, P46, P60 of N-channel open-drain output ports have the built-in hysteresis circuit for
input. In standby state for low-power dissipation, do not make these pins floating state.
q Reason
When power sources for pull-up of these pins are cut off in standby state, these ports become
floating. Accordingly, a current may flow from Vcc to Vss through the built-in hysteresis circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com