Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 55 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 55 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 355 page
background image
38B5 Group User’s Manual
1-39
HARDWARE
FUNCTIONAL DESCRIPTION
[Serial I/O2 Control Register] SIO2CON (001D16)
The serial I/O2 control register contains eight control bits for serial
I/O2 functions.
[UART Control Register] UARTCON (001716)
This is a 7 bit register containing four control bits, which are valid
when UART is selected, two control bits, which are valid when using
serial I/O2, and one control bit, which is always valid.
Data format of serial data receive/transfer and the output structure of
the P55/TxD pin, etc. are set by this register.
[Serial I/O2 Status Register] SIO2STS (001E16)
The read-only serial I/O2 status register consists of seven flags (b0
to b6) which indicate the operating status of the serial I/O2 function
and various errors. Three of the flags (b4 to b6) are only valid in the
UART mode. The receive buffer full flag (b1) is cleared to “0” when
the receive buffer is read.
The error detection is performed at the same time data is transferred
from the receive shift register to the receive buffer register, and the
receive buffer full flag is set. A writing to the serial I/O2 status regis-
ter clears error flags OE, PE, FE, and SE (b3 to b6, respectively).
Writing “0” to the serial I/O2 enable bit (SIOE : b7 of the serial I/O2
control register) also clears all the status flags, including the error
flags.
All bits of the serial I/O2 status register are initialized to “0” at reset,
but if the transmit enable bit (b4) of the serial I/O2 control register
has been set to “1,” the transmit shift register shift completion flag
(b2) and the transmit buffer empty flag (b0) become “1.”
[Serial I/O2 Transmit Buffer Register/Receive
Buffer Register] TB/RB (001F16)
The transmit buffer and the receive buffer are located in the same
address. The transmit buffer is write-only and the receive buffer is
read-only. If a character bit length is 7 bits, the MSB of data stored in
the receive buffer is "0".
[Baud Rate Generator] BRG (001616)
The baud rate generator determines the baud rate for serial transfer.
With the 8-bit counter having a reload register, the baud rate genera-
tor divides the frequency of the count source by 1/(n+1), where n is
the value written to the baud rate generator.
Fig. 40 Structure of serial I/O2 related register
b7
b7
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Transmit shift register shift completion flag (TSC)
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag (OE)
0: No error
1: Overrun error
Parity error flag (PE)
0: No error
1: Parity error
Framing error flag (FE)
0: No error
1: Framing error
Summing error flag (SE)
0: (OE) U (PE) U (FE)=0
1: (OE) U (PE) U (FE)=1
Not used (returns "1" when read)
Serial I/O2 status register
(SIO2STS : address 001E16)
Serial I/O2 control register
(SIO2CON : address 001D16)
b0
b0
b7
UART control register
(UARTCON : address 001716)
Character length selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit (PARE)
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit (PARS)
0: Even parity
1: Odd parity
Stop bit length selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
P55/TXD P-channel output disable bit (POFF)
0: CMOS output (in output mode)
1: N-channel open-drain output (in output mode)
BRG clock switch bit
0: XIN or XCIN (depends on internal system clock)
1: XCIN
Serial I/O2 clock I/O pin selection bit
0: SCLK21 (P57/SCLK22 pin is used as I/O port or SRDY2 output pin.)
1: SCLK22 (P56/SCLK21 pin is used as I/O port.)
Not used (return "1" when read)
b0
BRG count source selection bit (CSS)
0: f(XIN) or f(XCIN)/2 or f(XCIN)
1: f(XIN)/4 or f(XCIN)/8 or f(XCIN)/4
Serial I/O2 synchronous clock selection bit (SCS)
0: BRG/ 4
(when clock synchronous serial I/O is selected)
BRG/16 (UART is selected)
1: External clock input
(when clock synchronous serial I/O is selected)
External clock input/16 (UART is selected)
SRDY2 output enable bit (SRDY)
0: P57 pin operates as ordinary I/O pin
1: P57 pin operates as SRDY2 output pin
Transmit interrupt source selection bit (TIC)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
Transmit enable bit (TE)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (RE)
0: Receive disabled
1: Receive enabled
Serial I/O2 mode selection bit (SIOM)
0: Asynchronous serial I/O (UART)
1: Clock synchronous serial I/O
Serial I/O2 enable bit (SIOE)
0: Serial I/O2 disabled
(pins P54 to P57 operate as ordinary I/O pins)
1: Serial I/O2 enabled
(pins P54 to P57 operate as serial I/O pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com