Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 83 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 83 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 355 page
background image
38B5 Group User’s Manual
1-67
HARDWARE
MASK OPTION OF PULL-DOWN RESISTOR
(object product: M38B5XMXH-XXXFP)
Whether built-in pull-down resistors are connected or not to high-
breakdown voltage ports P20 to P27 and P80 to P83 can be specified
in ordering mask ROM. The option type can be specified from among
8 types; A to G, P as shown Table 12.
Table 12 Mask option type of pull-down resistor
A ($41)
B ($42)
C ($43)
D ($44)
E ($45)
F ($46)
G ($47)
Connective port of pull-down resistor
(connected at “1” writing)
P20 P21 P22 P23 P24 P25 P26 P27 P80 P81 P82 P83
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
11
1
Notes 1: The electrical characteristics of high-breakdown voltage ports
P20 to P27 and P80 to P83’s built-in pull-down resistors are the
same as that of high-breakdown voltage ports P00 to P07.
2: The absolute maximum ratings of power dissipation may be
exceed owing to the number of built-in pull-down resistor. After
calculating the power dissipation, specify the option type.
3: One time PROM version and EPROM version cannot be
specified whether built-in pull-down resistors are connected or not
likewise option type A.
4: INT3 function and CNTR1 function cannot be used in the option
type P.
Power Dissipation Calculating Method
q Fixed number depending on microcomputer’s standard
• VOH output fall voltage of high-breakdown port
2 V (max.); | Current value | = at 18 mA
• Resistor value 43 V / 900
µA = 48 kΩ (min.)
• Power dissipation of internal circuit (CPU, ROM, RAM etc.) = 5 V !
15 mA = 75 mW
q Fixed number depending on use condition
• Apply voltage to VEE pin: Vcc – 45 V
• Timing number a; digit number b; segment number c
• Ratio of Toff time corresponding Tdisp time: 1/16
• Turn ON segment number during repeat cycle: d
• All segment number during repeat cycle: c (= a ! c)
• Total number of built-in resistor: for digit; f, for segment; g
• Digit pin current value h (mA)
• Segment pin current value i (mA)
(1) Digit pin power dissipation
{h ! b ! (1–Toff/Tdisp) ! voltage} / a
(2) Segment pin power dissipation
{i ! d ! (1–Toff/Tdisp) ! voltage} / a
(3) Pull-down resistor power dissipation (digit)
{power dissipation per 1 digit ! (b ! f / b) ! (1–Toff/Tdisp) } / a
(4) Pull-down resistor power dissipation (segment)
{power dissipation per 1 segment ! (d ! g / c) ! (1–Toff/Tdisp) } / a
(5) Internal circuit power dissipation (CPU, ROM, RAM etc.) = 75 mW
(1) + (2)+ (3) + (4) + (5) = X mW
Power Dissipation Calculating example 1
q Fixed number depending on microcomputer’s standard
• VOH output fall voltage of high-breakdown port
2 V (max.); | Current value | = at 18 mA
• Resistor value 43 V / 900
µA = 48 kΩ (min.)
• Power dissipation of internal circuit (CPU, ROM, RAM etc.) = 5 V !
15 mA = 75 mW
q Fixed number depending on use condition
• Apply voltage to VEE pin: Vcc – 45 V
• Timing number 17; digit number 16; segment number 20
• Ratio of Toff time corresponding Tdisp time: 1/16
• Turn ON segment number during repeat cycle: 31
• All segment number during repeat cycle: 340 (= 17 ! 20)
• Total number of built-in resistor: for digit; 16, for segment; 20
• Digit pin current value: 18 (mA)
• Segment pin current value: 3 (mA)
(1) Digit pin power dissipation
{18 ! 16 ! (1–1/16) ! 2} / 17 = 31.77 mW
(2) Segment pin power dissipation
{3 ! 31 ! (1–1/16) ! 2} / 17 = 10.26 mW
(3) Pull-down resistor power dissipation (digit)
(45 – 2)2 /48 ! (16 ! 16/16) ! (1 – 1/16) / 17 = 33.99 mW
(4) Pull-down resistor power dissipation (segment)
(45 – 2)2 /48 ! (31 ! 20/20) ! (1 – 1/16) / 17 = 65.86 mW
(5) Internal circuit power dissipation (CPU, ROM, RAM etc.) = 75 mW
(1) + (2)+ (3) + (4) + (5) = 217 mW
Fig. 76 Digit timing waveform (1)
MASK OPTION OF PULL-DOWN RESISTOR
DIG0
DIG1
DIG2
DIG3
DIG14
DIG15
DIG16
Timing number
12
3
1617
15
14
Tscan
Repeat cycle
Option
type
Restriction
P ($50)
1
1
1
1
11
11
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com