Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 86 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 86 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 355 page
background image
1-70
38B5 Group User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION SUPPLEMENT
Timing After Interrupt
The interrupt processing routine begins with the machine cycle fol-
lowing the completion of the instruction that is currently in execution.
Figure 78 shows a timing chart after an interrupt occurs, and Figure
79 shows the time up to execution of the interrupt processing routine.
Fig. 78 Timing chart after interrupt occurs
Fig. 79 Time up to execution of interrupt processing routine
PCH
PCL
PSAL
AH
S, SPSS-2, SPS
S-1, SPS
PC
BL
BH
AL, AH
Address bus
Data bus
Not used
: CPU operation code fetch cycle
(This is an internal signal which cannot be observed from the external unit.)
: Vector address of each interrupt
: Jump destination address of each interrupt
: “0016” or “0116”
SYNC
BL, BH
AL, AH
SPS
WR
RD
SYNC
φ
7 to 23 cycles (4 MHz, 1.75
µs to 5.75 µs)
Interrupt request occurs
Main routine
Interrupt processing routine
2 cycles5 cycles
Waiting time for
pipeline post-
processing
Push onto
stack vector
fetch
Interrupt operation starts
0 to 16 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com