Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 57 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 57 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 355 page
background image
38B5 Group User’s Manual
1-41
HARDWARE
FUNCTIONAL DESCRIPTION
[FLDC Mode Register] FLDM
The FLDC mode register is a 8-bit register respectively which is used
to control the FLD automatic display and to set the blanking time
Tscan for key-scan.
Fig. 42 Structure of FLDC mode register
FLDC mode register
(FLDM: address 0EF416)
Automatic display control bit (P0, P1, P2, P3, P8)
0 : General-purpose mode
1 : Automatic display mode
Display start bit
0 : Stop display
1 : Display
(start to display by switching “0” to “1”)
Tscan control bits
00 : FLD digit interrupt (at rising edge of each digit)
01 : 1 ! Tdisp
10 : 2 ! Tdisp
11 : 3 ! Tdisp
Timing number control bit
0 : 16 timing mode
1 : 32 timing mode
Gradation display mode selection control bit
0 : Not selecting
1 : Selecting (Note)
Tdisp counter count source selection bit
0 : f(XIN)/16 or f(XCIN)/32
1 : f(XIN)/64 or f(XCIN)/128
High-breakdown voltage port drivability selection bit
0 : Drivability strong
1 : Drivability weak
b7
b0
FLD blanking interrupt
(at falling edge of the last digit)
Notes 1: When a gradation display mode is selected, a number of timing is max. 16
timing. (Set the timing number control bit to “0.”)
2: When changing bit 4 (timing number control bit) or bit 5 (gradation display
mode selection control bit), set “0” to bit 1 (display start bit) to perform at
display stop state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com