Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 79 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 79 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 355 page
background image
38B5 Group User’s Manual
1-63
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 73 Clock generating circuit block diagram
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
(Note 3)
S
R
Q
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
1/2
1/2
Port XC
switch bit (Note 3)
“1”
“0”
“1”
Timer 1 count source
selection bit (Note 2)
Low-speed mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Internal system clock
selection bit (Notes 1, 3)
“1”
“0”
Timer 1
Timer 2
Timer 2 count source
selection bit (Note 2)
“0”
Main clock division ratio
selection bits (Note 3)
“1”
“0”
“1”
“0”
Notes 1: When low-speed mode is selected, set the port Xc switch bit (b4) to “1.”
2: Refer to the structure of the timer 12 mode register.
3: Refer to the structure of the CPU mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com