Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 355 page
background image
38B5 Group User’s Manual
1-2
HARDWARE
DESCRIPTION/FEATURES/APPLICATION/PIN CONFIGURATION
DESCRIPTION
The 38B5 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38B5 group has six 8-bit timers, a 16-bit timer, a fluorescent dis-
play automatic display circuit, 12-channel 10-bit A-D converter, a se-
rial I/O with automatic transfer function, which are available for con-
trolling musical instruments and household appliances.
The 38B5 group has variations of internal memory size and packag-
ing. For details, refer to the section on part numbering.
For details on availability of microcomputers in the 38B5 group, refer
to the section on group expansion.
Built-in pull-down resistors connected to high-breakdown voltage ports
are available by specifying with the mask option in some products. For
the details, refer to the section on the mask option of pull-down resis-
tor.
FEATURES
• Basic machine-language instructions ....................................... 71
• The minimum instruction execution time .......................... 0.48 µs
(at 4.19 MHz oscillation frequency)
• Memory size
ROM ............................................. 24K to 60K bytes
RAM .......................................... 1024 to 2048 bytes
• Programmable input/output ports ............................................. 55
• High-breakdown-voltage output ports ...................................... 36
• Software pull-up resistors ....... (PortsP5,P61toP65,P7,P84toP87,P9)
• Interrupts .................................................. 21 sources, 16 vectors
• Timers ........................................................... 8-bit ! 6, 16-bit ! 1
• Serial I/O1 (Clock-synchronized) ................................... 8-bit ! 1
...................... (max. 256-byte automatic transfer function)
Fig. 1 Pin configuration of M38B5xMxH-XXXXFP
Package type : 80P6N-A
80-pin plastic-molded QFP
PIN CONFIGURATION (TOP VIEW)
• Serial I/O2 (UART or Clock-synchronized) .................... 8-bit ! 1
• PWM ............................................................................ 14-bit ! 1
8-bit ! 1 (also functions as timer 6)
• A-D converter .............................................. 10-bit ! 12 channels
• Fluorescent display function ......................... Total 40 control pins
• Interrupt interval determination function ..................................... 1
• Watchdog timer ............................................................ 20-bit ! 1
• Buzzer output ............................................................................. 1
• 2 Clock generating circuit
Main clock (XIN–XOUT) .......................... Internal feedback resistor
Sub-clock (XCIN–XCOUT) .......... Without internal feedback resistor
(connect to external ceramic resonator or quartz-crystal
oscillator)
• Power source voltage
In high-speed mode ................................................... 4.0 to 5.5 V
(at 4.19 MHz oscillation frequency and high-speed selected)
In middle-speed mode ................................................ 2.7 to 5.5 V
(at 4.19 MHz oscillation frequency and middle-speed selected)
In low-speed mode ..................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
• Power dissipation
In high-speed mode .......................................................... 35 mW
(at 4.19 MHz oscillation frequency)
In low-speed mode ............................................................. 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
• Operating temperature range ................................... –20 to 85 °C
APPLICATION
Musical instruments, VCR, household appliances, etc.
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
P65/SSTB1/AN11
P64/INT4/SBUSY1/AN10
M38B5xMxH-XXXXFP
P63/AN9
P62/SRDY1/AN8
VEE
P76/AN6
P77/AN7
VREF
AVSS
P50/SIN1
P51/SOUT1
P52/SCLK11
P53/SCLK12
P54/RxD
P55/TxD
P56/SCLK21
P57/SRDY2/SCLK22
P86/RTP1/FLD38
P83/FLD35
P82/FLD34
P81/FLD33
P80/FLD32
P37/FLD31
P36/FLD30
P35/FLD29
P34/FLD28
P33/FLD27
P32/FLD26
P31/FLD25
P30/FLD24
P85/RTP0/FLD37
P84/FLD36
Note: In the mask option type P, INT3 and CNTR1 cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com