Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 84 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 84 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 85Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 355 page
background image
38B5 Group User’s Manual
1-68
HARDWARE
Power Dissipation Calculating example 2
(when 2 or more digit is turned ON at same
time)
q Fixed number depending on microcomputer’s standard
• VOH output fall voltage of high-breakdown port
2 V (max.); | Current value | = at 18 mA
• Resistor value 43 V / 900
µA = 48 kΩ (min.)
• Power dissipation of internal circuit (CPU, ROM, RAM etc.) = 5 V !
15 mA = 75 mW
q Fixed number depending on use condition
• Apply voltage to VEE pin: Vcc – 45 V
• Timing number 11; digit number 12; segment number 24
• Ratio of Toff time corresponding Tdisp time: 1/16
• Turn ON segment number during repeat cycle: 114
• All segment number during repeat cycle: 264 (= 11 ! 24)
• Total number of built-in resistor: for digit; 10, for segment; 22
• Digit pin current value: 18 (mA)
• Segment pin current value: 3 (mA)
(1) Digit pin power dissipation
{18 ! 12 ! (1–1/16) ! 2} / 11 = 36.82 mW
(2) Segment pin power dissipation
{3 ! 114 ! (1–1/16) ! 2} / 11 = 58.30 mW
(3) Pull-down resistor power dissipation (digit)
(45 – 2)2 /48 ! (12 ! 10/12) ! (1 – 1/16) / 11 = 32.84 mW
(4) Pull-down resistor power dissipation (segment)
(45 – 2)2 /48 ! (114 ! 22/24) ! (1 – 1/16) / 11 = 343.08 mW
(5) Internal circuit power dissipation (CPU, ROM, RAM etc.) = 75 mW
(1) + (2)+ (3) + (4) + (5) = 547 mW
Fig. 77 Digit timing waveform (2)
MASK OPTION OF PULL-DOWN RESISTOR
DIG0
DIG1
DIG2
DIG3
DIG7
DIG8
DIG9
Timing number
12
3
4
56
7
8
91011
DIG4
DIG5
DIG6
Tscan
Repeat cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com