Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 100 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 100 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 355 page
background image
2-12
38B5 Group User’s Manual
APPLICATION
2.2 Timer
Fig. 2.2.5 Structure of Timer 12 mode register
Timer 12 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 12 mode register
(T12M: address 2816)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0 0: f(XIN)/8 or f(XCIN)/16
0 1: f(XCIN)
1 0: f(XIN)/16 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/128
0
0
0
0: I/O port
1: Timer 1 output
0
0
Timer 1 count stop
bit
Timer 2 count stop
bit
Timer 2 count
source selection
bits
Timer 1 output
selection bit (P45)
Timer 1 count
source selection
bits
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b3 b2
b5 b4
0 0: Timer 1 underflow
0 1: f(XCIN)
1 0: External count input
CNTR0
1 1: Not available
Fig. 2.2.6 Structure of Timer 34 mode register
Timer 34 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 34 mode register
(T34M: address 2916)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0 0: f(XIN)/8 or f(XCIN)/16
0 1: Timer 2 underflow
1 0: f(XIN)/16 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/128
0
0
0
0: I/O port
1: Timer 3 output
0
0
Timer 3 count stop
bit
Timer 4 count stop
bit
Timer 4 count
source selection
bits
Timer 3 output
selection bit (P46)
Timer 3 count
source selection
bits
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b3 b2
b5 b4
0 0: f(XIN)/8 or f(XCIN)/16
0 1: Timer 3 underflow
1 0: External count input
CNTR1 (Note)
1 1: Not available
Note: In the mask option type P, CNTR1 function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com