Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 101 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 101 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 97Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 98Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-13
2.2 Timer
Fig. 2.2.7 Structure of Timer 56 mode register
(2)
16-bit timer
Timer 56 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 56 mode register
(T56M: address 2A16)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0: f(XIN)/8 or f(XCIN)/16
1: Timer 4 underflow
0: Timer mode
1: PWM mode
0
0
0
0: I/O port
1: Timer 6 output
0
0
0
Timer 5 count stop
bit
Timer 6 count stop
bit
Timer 6 count
source selection
bits
Timer 6 (PWM)
output selection bit
(P44)
Timer 5 count
source selection bit
Timer 6 operation
mode selection bit
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b5 b4
0 0: f(XIN)/8 or f(XCIN)/16
0 1: Timer 5 underflow
1 0: Timer 4 underflow
1 1: Not available
Fig. 2.2.8 Structure of Timer X (low-order, high-order)
Timer X (low-order, high-order)
b7 b6 b5 b4 b3 b2 b1 b0
Timer X (low-order, high-order)
(TXL, TXH: addresses 2C16, 2D16)
b
0
1
2
3
4
5
6
7
1
Functions
At reset R W
1
1
1
1
1
1
1
• Set timer X count value.
• When the timer X write control bit of the timer
X mode register 1 is “0”, the value is written to
timer X and the latch at one time.
When the timer X write control bit of the timer
X mode register 1 is “1”, the value is written
only to the latch.
• The timer X count value is read out by reading
this register.
Notes 1: When reading and writing, perform them to both the high-
order and low-order bytes.
2: Read both registers in order of TXH and TXL following.
3: Write both registers in order of TXL and TXH following.
4: Do not read both registers during a write, and do not write to
both registers during a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com