Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 103 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 103 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 99Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 100Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 101Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 102Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 103Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 104Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 105Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 106Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 107Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 355 page
background image
38B5 Group User’s Manual
APPLICATION
2-15
2.2 Timer
Fig. 2.2.10 Structure of Timer X mode register 2
Timer X mode register 2
b7 b6 b5 b4 b3 b2 b1 b0
Timer X mode register 2
(TXM2: address 2F16)
b
0
2
4
Name
0
Functions
At reset R W
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Real time port control
bit (P85)
Real time port control
bit (P86)
0: Real time port function is
invalid
1: Real time port function is
valid
0
0
0: Real time port function is
invalid
1: Real time port function is
valid
1
P85 data for real time
port
0: “L” output
1: “H” output
3
0
0
P86 data for real time
port
0: “L” output
1: “H” output
0
0
0
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com