Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 92 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 92 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 95Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 96Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 355 page
background image
2-4
38B5 Group User’s Manual
APPLICATION
2.1 I/O port
Fig. 2.1.5 Structure of port Pi (i = 0, 2, 4, 5, 7, 8) direction register
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port Pi direction register (i = 0, 2, 4, 5, 7, 8)
(PiD: addresses 0116, 0516, 0916, 0B16, 0F16, 1116)
0 : Port Pi0 input mode
1 : Port Pi0 output mode
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0
0 : Port Pi7 input mode
1 : Port Pi7 output mode
(Note)
0
Port Pi direction
register
Note: Bit 7 of the port P4 direction register (address 0916) does not have
direction register function because P47 is input port. When writing to bit 7
of the port P4 direction register, write “0” to the bit.
Port P6 direction register
b7 b6 b5 b4 b3 b2 b1 b0
Port P6 direction register
(P6D: address 0D16)
0 : Port P60 input mode
1 : Port P60 output mode
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0 : Port P61 input mode
1 : Port P61 output mode
0
0 : Port P62 input mode
1 : Port P62 output mode
0
0 : Port P63 input mode
1 : Port P63 output mode
0
0 : Port P64 input mode
1 : Port P64 output mode
0
0 : Port P65 input mode
1 : Port P65 output mode
0
Port P6 direction
register
6
0
7
0
!!
!!
Nothing is arranged for these bits. When these
bits are read out, the contents are undefined.
Fig. 2.1.6 Structure of port P6 direction register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com