Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 50 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 50 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 54Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 355 page
background image
38B5 Group User’s Manual
1-34
HARDWARE
FUNCTIONAL DESCRIPTION
When the internal synchronous clock is selected, in the 8-bit serial
I/O mode and the automatic transfer serial I/O mode (SBUSY1 out-
put function outputs in 1-byte units), the SBUSY1 output goes to “L”
and the SBUSY1 output goes to “H” before 0.5 cycle (transfer clock)
of the timing at which the transfer clock from the SCLK1 output goes
to “L” at a start of transmit/receive operation.
In the automatic transfer serial I/O mode (the SBUSY1 output func-
tion outputs all transfer data), the SBUSY1 output goes to “L” and the
SBUSY1 output goes to “H” when the first transmit data is written into
the serial I/O1 register (address 001B16).
When the external synchronous clock is selected, the SBUSY1 out-
put goes to “L” and the SBUSY1 output goes to “H” when transmit
data is written into the serial I/O1 register to start a transmit opera-
tion, regardless of the serial I/O transfer mode.
At termination of transmit/receive operation, the SBUSY1 output re-
turns to “H” and the SBUSY1 output returns to “L”, the initial status,
when the serial transfer status flag is set to "0", regardless of whether
the internal or external synchronous clock is selected.
Furthermore, in the automatic transfer serial I/O mode (SBUSY1 out-
put function outputs in 1-byte units), the SBUSY1 output goes to “H”
and the SBUSY1 output goes to “L” each time 1-byte of receive data
is written into the automatic transfer RAM.
Fig. 29 SBUSY1 output operation
(internal synchronous clock, 8-bits serial I/O)
Fig. 30 SBUSY1 output operation
(external synchronous clock, 8-bits serial I/O)
Fig. 31 SBUSY1 output operation in automatic transfer serial I/O mode
(internal synchronous clock, SBUSY1 output function outputs each 1-byte)
SBUSY1
SCLK1
SOUT1
Serial transfer
status flag
Serial transfer
status flag
SBUSY1
SCLK1
Write to Serial
I/O1 register
SCLK1
SBUSY1
SOUT1
Automatic transfer
interval
Serial transfer
status flag
Automatic transfer RAM
→Serial I/O1 register
Serial I/O1 register
→Automatic transfer RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com