Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 68 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 68 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 64Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 65Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 66Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 67Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 68Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 355 page
background image
38B5 Group User’s Manual
1-52
HARDWARE
FUNCTIONAL DESCRIPTION
A-D Converter
The 38B5 group has a 10-bit A-D converter. The A-D converter per-
forms successive approximation conversion.
[A-D Conversion Register] AD
One of these registers is a high-order register, and the other is a low-
order register. The high-order 8 bits of a conversion result is stored
in the A-D conversion register (high-order) (address 003416), and
the low-order 2 bits of the same result are stored in bit 7 and bit 6 of
the A-D conversion register (low-order) (address 003316).
During A-D conversion, do not read these registers.
[A-D Control Register] ADCON
This register controls A-D converter. Bits 3 to 0 are analog input pin
selection bits. Bit 4 is an AD conversion completion bit and “0” during
A-D conversion. This bit is set to “1” upon completion of A-D conver-
sion.
A-D conversion is started by setting “0” in this bit.
[Comparison Voltage Generator]
The comparison voltage generator divides the voltage between AVSS
and VREF, and outputs the divided voltages.
[Channel Selector]
The channel selector selects one of the input ports P77/AN7–P70/
AN0, and P65/SSTB1/AN11–P62/SRDY1/AN8 and inputs it to the com-
parator.
When port P64 is selected as an analog input pin, an external inter-
rupt function (INT4) is invalid.
[Comparator and Control Circuit]
The comparator and control circuit compares an analog input
voltage with the comparison voltage and stores the result in the A-D
conversion register. When an A-D conversion is completed, the
control circuit sets the AD conversion completion bit and the AD
Fig. 55 Block diagram of A-D converter
conversion interrupt request bit to “1.”
Note that the comparator is constructed linked to a capacitor, so set
f(XIN) to at least 250 kHz during A-D conversion. Use a CPU system
clock dividing the main clock XIN as the internal system clock.
Fig. 54 Structure of A-D control register
AD conversion result stored bits
A-D conversion register (high-order)
(ADH: address 003416)
b7
b0
Analog input pin selection bits
0000: P70/AN0
0001: P71/AN1
0010: P72/AN2
0011: P73/AN3
0100: P74/AN4
0101: P75/AN5
0110: P76/AN6
0111: P77/AN7
1000: P62/SRDY1/AN8
1001: P63/AN9
1010: P64/INT4/SBUSY1/AN10
1011: P65/SSTB1/AN11
A-D control register
(ADCON: address 003216)
AD conversion completion bit
0: Conversion in progress
1: Conversion completed
Not used (returns “0” when read)
b7
b0
Not used (returns “0” when read)
AD conversion result stored bits
A-D conversion register (low-order)
(ADL: address 003316)
b7
b0
Data bus
AVSS @VREF
A-D interrupt request
b7
b0
4
P70/AN0
P71/AN1
P72/AN2
P73/AN3
P74/AN4
P75/AN5
P76/AN6
P77/AN7
P62/SRDY1/AN8
P63/AN9
P64/INT4/SBUSY1/AN10
P65/SSTB1/AN11
A-D control register
Comparator
A-D control circuit
A-D conversion register (H) A-D conversion register (L)
(Address 003416)
(Address 003316)
Resistor ladder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com